Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB25SKG01B05A Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB25SKG01B05A
Description  0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB25SKG01B05A Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button KB25SKG01B05A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01B05A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01B05A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01B05A Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01B05A Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01B05A Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01B05A Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01B05A Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. KB25SKG01B05A Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Series KB
Miniature Pushbuttons
www.nkk.com
D30
D
TYPICAL SWITCH DIMENSIONS
Square • Bushing Mount
Single & Double Pole
Rectangular • Bushing Mount
Single & Double Pole
Round • Bushing Mount
Single & Double Pole
KB15SKW01-05-GG
Single pole models do not have terminals 4, 5, & 6.
KB25CKW01-05-GG
Single pole models do not have terminals 4, 5, & 6.
KB15RKW01-05-GG
Single pole models do not have terminals 4, 5, & 6.
(11.6) Sq
.457
(14.0) Sq
.551
(5.0)
.197
(1.0)
.039
(14.2)
.559
(24.7)
.972
(5.3)
.209
(5.0)
.197
M12 P1
(1.0) x (2.0) Typ
.039 x .079
(0.2) Typ
.008
(1.8) Typ
.071
(3.5)
.138
Latchdown Position
(1.4)
.055
63
52
1
4
L
L
COM
(4.9)
.193
(1.8)
.071
Keyway
(.127)
.005
(5.08)
.200
(9.0)
.354
(1.7) Typ
.067
(11.6) Dia
.457
(14.0) Dia
.551
(5.0)
.197
(1.0)
.039
(14.2)
.559
(24.7)
.972
(5.3)
.209
(5.0)
.197
M12 P1
(1.0) x (2.0) Typ
.039 x .079
(0.2) Typ
.008
(1.8) Typ
.071
(3.5)
.138
Latchdown Position
(1.4)
.055
63
52
1
4
L
L
COM
(4.9)
.193
(1.8)
.071
Keyway
(.127)
.005
(5.08)
.200
(9.0)
.354
(1.7) Typ
.067
(11.6)
.457
(16.1)
.634
(18.5)
.728
(14.0)
.551
(5.0)
.197
(1.0)
.039
(14.2)
.559
(24.7)
.972
(5.3)
.209
(3.5)
.138
(5.0)
.197
M12 P1
(1.0) x (2.0) Typ
.039 x .079
(0.2) Typ
.008
(1.8) Typ
.071
Latchdown Position
(1.4)
.055
63
52
1
4
L
L
COM
(4.9)
.193
(1.8)
.071
Keyway
(.127)
.005
(5.08)
.200
(9.0)
.354
(1.7) Typ
.067


Similar Part No. - KB25SKG01B05A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB25SKG01B NKK-KB25SKG01B Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB25SKG01B-05-A NKK-KB25SKG01B-05-A Datasheet
433Kb / 14P
   General Specifications
KB25SKG01B-05-BB NKK-KB25SKG01B-05-BB Datasheet
433Kb / 14P
   General Specifications
KB25SKG01B-05-CB NKK-KB25SKG01B-05-CB Datasheet
433Kb / 14P
   General Specifications
KB25SKG01B-05-CC NKK-KB25SKG01B-05-CC Datasheet
433Kb / 14P
   General Specifications
More results

Similar Description - KB25SKG01B05A

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4412 MSK-MSK4412_15 Datasheet
223Kb / 5P
   42V Maximum Supply Voltage: 28V Nominal
logo
SHANGHAI BELLING CO., L...
BL78L05D BELLING-BL78L05D Datasheet
113Kb / 3P
   Maximum Output current - 0.1A
logo
Delta Electronics, Inc.
PACSR28018 DELTA-PACSR28018 Datasheet
776Kb / 7P
   28V Output AC/DC Converter, Module Package
PACSR28010 DELTA-PACSR28010 Datasheet
830Kb / 7P
   28V Output AC/DC Converter, Module Package
logo
PULS GmbH
ML70.100 PULS-ML70.100 Datasheet
962Kb / 2P
   DC 24-28V / 72W
logo
Maxim Integrated Produc...
MAX16929EVKIT MAXIM-MAX16929EVKIT Datasheet
1Mb / 9P
   4.5V to 28V Input Range
Rev 0; 4/11
logo
PULS GmbH
ML95.100 PULS-ML95.100 Datasheet
465Kb / 2P
   DC 24-28V / 95W
ML100.100 PULS-ML100.100 Datasheet
212Kb / 2P
   DC 24-28V / 100W
logo
Maxim Integrated Produc...
MAX14727EVKIT MAXIM-MAX14727EVKIT Datasheet
666Kb / 8P
   3V to 28V Operating Voltage Range
Rev 0; 7/17
logo
SG Micro Corp
SGM61232 SGMICRO-SGM61232 Datasheet
951Kb / 19P
   28V, 3A, Buck DC/DC Converter
JANUARY2023-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com