Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAD1-09225DSHW11 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FAD1-09225DSHW11
Description  92x92x25mm DC AXIAL FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FAD1-09225DSHW11 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FAD1-09225DSHW11 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
92x92x25mm
FAD1-09225 Series
Volt.
(VDC)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FAD1-09225C AW11
FAD1-09225C LW11
FAD1-09225C MW11
FAD1-09225C HW11
FAD1-09225C JW11
FAD1-09225D LW11
FAD1-09225D MW11
FAD1-09225D HW11
0.06
0.10
0.15
0.24
0.28
0.05
0.08
0.15
0.72
1.20
1.80
2.88
3.36
1.20
1.92
3.60
1600
2100
2400
2900
3300
2100
2400
2900
Maximum
AirFlow
0.858
1.152
1.263
1.587
1.753
1.152
1.263
1.587
30.303
40.689
44.655
56.069
61.929
40.689
44.655
56.069
12
12
12
12
12
24
24
24
(CMM)
(CFM)
Maximum Static
Pressure
0.034
0.081
0.101
0.146
0.187
0.081
0.101
0.146
0.887
2.062
2.565
3.721
4.760
2.062
2.565
3.721
(InAq)
(mmAq)
Noise
Level
(dB/A)
19.1
29.2
31.2
37.5
42.2
29.2
31.2
37.5
Weight
(g)
92.0
92.0
92.0
92.0
92.0
92.0
92.0
92.0
ISO-9001 Company
www.qualtekusa.com
DC AXIAL FAN
* Indicates “B” (Ball Bearing), “S” (Sleeve), or “H” (Hydro Dynamic)
*
Qualtek
Electronics Corporation
*
*
*
Noise is measured at the distance of one (1) meter from the axis of intake.
*
*
*
*
Motor: Brushless DC
Motor Protection: Impedance Protected
Bearing Type: Two Ball, Sleeve, or Hydro Dynamic
Connection: UL 1007 AWG 24, 290mm Wire Leads
Impeller Material: Plastic UL94V-0
Operating Temp:
Two Ball: -10°C~70°C
Sleeve: -10°C~60°C
Hydro Dynamic: -10°C~70°C
Features:
Frame Material: Plastic UL94V-0
Life Expectancy:
Two Ball: 70,000 Hours
Sleeve: 30,000 Hours
Hydro Dynamic: 50,000 Hours
J
A
Fan-S Division


Similar Part No. - FAD1-09225DSHW11

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAD1-04010 QUALTEK-FAD1-04010 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BAAW11 QUALTEK-FAD1-04010BAAW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BAHW11 QUALTEK-FAD1-04010BAHW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BAJW11 QUALTEK-FAD1-04010BAJW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BALW11 QUALTEK-FAD1-04010BALW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
More results

Similar Description - FAD1-09225DSHW11

ManufacturerPart #DatasheetDescription
logo
CoolCox Limited All rig...
CC9225 COOLCOX-CC9225 Datasheet
417Kb / 1P
   DC Axial Fan 92x92x25mm
logo
Qualtek Electronics Cor...
FAA1-09225 QUALTEK-FAA1-09225 Datasheet
1Mb / 1P
   92x92x25mm AC AXIAL FAN
logo
Dubilier
DBF9225B12H DUBILIER-DBF9225B12H Datasheet
145Kb / 1P
   DC COOLING FAN 92x92x25mm
DBF9225B115MT DUBILIER-DBF9225B115MT Datasheet
132Kb / 1P
   AC COOLING FAN 92x92x25mm
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com