Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1118 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1118
Description  Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1118 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1118 Datasheet HTML 1Page - Texas Instruments ADS1118 Datasheet HTML 2Page - Texas Instruments ADS1118 Datasheet HTML 3Page - Texas Instruments ADS1118 Datasheet HTML 4Page - Texas Instruments ADS1118 Datasheet HTML 5Page - Texas Instruments ADS1118 Datasheet HTML 6Page - Texas Instruments ADS1118 Datasheet HTML 7Page - Texas Instruments ADS1118 Datasheet HTML 8Page - Texas Instruments ADS1118 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ADS1118
SBAS457A
– OCTOBER 2010 – REVISED JULY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Maximum/minimum specifications at
–40°C to +125°C, VDD = 3.3V, data rate = 8SPS, and full-scale (FS) = ±2.048V, unless
otherwise noted. Typical values are at +25
°C, VDD = 3.3V, data rate = 8SPS, and full-scale (FS) = ±2.048V, unless otherwise
noted.
ADS1118
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic level
VIH
0.7VDD
VDD
V
VIL
GND
0.2VDD
V
VOH
IOH = 1mA
0.8VDD
V
VOL
IOL = 1mA
GND
0.2VDD
V
Input leakage
IH
VIH = 5.5V
±10
μA
IL
VIL = GND
±10
μA
POWER-SUPPLY REQUIREMENTS
Power-supply voltage
2
5.5
V
Power-down current at +25
°C
0.5
2
μA
Power-down current up to +125
°C
5
μA
Supply current
Operating current at +25
°C
150
200
μA
Operating current up to +125
°C
300
μA
VDD = 5.0V
0.9
mW
Power dissipation
VDD = 3.3V
0.5
mW
VDD = 2.0V
0.3
mW
TEMPERATURE
Storage temperature
–60
+150
°C
Specified temperature
–40
+125
°C
THERMAL INFORMATION
ADS1118
THERMAL METRIC(1)
DGS
UNITS
10 PINS
θJA
Junction-to-ambient thermal resistance
186.8
θJCtop
Junction-to-case (top) thermal resistance
51.5
θJB
Junction-to-board thermal resistance
108.4
°C/W
ψJT
Junction-to-top characterization parameter
2.7
ψJB
Junction-to-board characterization parameter
106.5
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - ADS1118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI1-ADS1118 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1118 TI-ADS1118 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118-Q1 TI1-ADS1118-Q1 Datasheet
709Kb / 41P
[Old version datasheet]   Analog-to-Digital Converter
ADS1118-Q1 TI-ADS1118-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
More results

Similar Description - ADS1118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com