Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8119FM-ME2 Datasheet(PDF) 6 Page - Rohm

Part # BD8119FM-ME2
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8119FM-ME2 Datasheet(HTML) 6 Page - Rohm

Back Button BD8119FM-ME2 Datasheet HTML 2Page - Rohm BD8119FM-ME2 Datasheet HTML 3Page - Rohm BD8119FM-ME2 Datasheet HTML 4Page - Rohm BD8119FM-ME2 Datasheet HTML 5Page - Rohm BD8119FM-ME2 Datasheet HTML 6Page - Rohm BD8119FM-ME2 Datasheet HTML 7Page - Rohm BD8119FM-ME2 Datasheet HTML 8Page - Rohm BD8119FM-ME2 Datasheet HTML 9Page - Rohm BD8119FM-ME2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Technical Note
6/20
www.rohm.com
2010.08 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD8119FM-M
5V voltage reference (VREG)
5V (Typ.) is generated from the VCC input voltage when the enable pin is set high. This voltage is used to power internal
circuitry, as well as the voltage source for device pins that need to be fixed to a logical HIGH.
UVLO protection is integrated into the VREG pin. The voltage regulation circuitry operates uninterrupted for output
voltages higher than 4.5 V (Typ.), but if output voltage drops to 4.3 V (Typ.) or lower, UVLO engages and turns the IC off.
Connect a capacitor (Creg = 2.2µF Typ.) to the VREG terminal for phase compensation. Operation may become unstable
if Creg is not connected.
Constant-current LED drivers
If less than four constant-current drivers are used, unused channels should be switched off via the LEDEN pin configuration.
The truth table for these pins is shown below. If a driver output is enabled but not used (i.e. left open), the IC’s open
circuit-detection circuitry will operate. Please keep the unused pins open. The LEDEN terminals are pulled down
internally in the IC, so if left open, the IC will recognize them as logic LO. However, they should be connected directly to
VREG or fixed to a logic HI when in use.
LED EN
LED
1〉
2〉
1
2
3
4
L
L
ON
ON
ON
ON
H
L
ON
ON
ON
OFF
L
H
ON
ON
OFF
OFF
H
H
ON
OFF
OFF
OFF
Output current setting
LED current is computed via the following equation:
ILED = min[VDAC , VISET(=2.0V)] / RSET x GAIN [A]
(min[VDAC , 2.0V] = the smaller value of either VDAC or VISET; GAIN = set by internal circuitry.)
In applications where an external signal is used for output current control, a control voltage in the range of 0.1 to 2.0 V can
be connected on the VDAC pin to control according to the above equation. If an external control signal is not used,
connect the VDAC pin to VREG (do not leave the pin open as this may cause the IC to malfunction). Also, do not switch
individual channels on or off via the LEDEN pin while operating in PWM mode.
The following diagram illustrates the relation between ILED and GAIN.
In PWM intensity control mode, the ON/OFF state of each current driver is controlled directly by the input signal on the
PWM pin; thus, the duty ratio of the input signal on the PWM pin equals the duty ratio of the LED current. When not
controlling intensity via PWM, fix the PWM terminal to a high voltage (100%). Output light intensity is greatest at 100%
input.
ILED vs GAIN
2950
3000
3050
3100
3150
3200
3250
3300
3350
0
20
40
60
80
100
120
140
160
ILED[mA]
ILED[mA]
GAIN
10
3215
20
3080
30
3030
40
2995
50
3000
60
3020
70
3040
80
3070
90
3105
100
3140
110
3175
120
3210
130
3245
140
3280
150
3330
PWM
ILED(50mA/div)
PWM
ILED
PWM=150Hz Duty=50%
PWM=150Hz Duty=0.38%


Similar Part No. - BD8119FM-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8119FM-ME2 ROHM-BD8119FM-ME2 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-ME2 ROHM-BD8119FM-ME2 Datasheet
2Mb / 31P
   White Backlight LED Driver For Medium to Large LCD Panels
More results

Similar Description - BD8119FM-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com