Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8119FM-M Datasheet(PDF) 11 Page - Rohm

Part # BD8119FM-M
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8119FM-M Datasheet(HTML) 11 Page - Rohm

Back Button BD8119FM-M Datasheet HTML 7Page - Rohm BD8119FM-M Datasheet HTML 8Page - Rohm BD8119FM-M Datasheet HTML 9Page - Rohm BD8119FM-M Datasheet HTML 10Page - Rohm BD8119FM-M Datasheet HTML 11Page - Rohm BD8119FM-M Datasheet HTML 12Page - Rohm BD8119FM-M Datasheet HTML 13Page - Rohm BD8119FM-M Datasheet HTML 14Page - Rohm BD8119FM-M Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Technical Note
11/20
www.rohm.com
2010.08 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD8119FM-M
Procedure for external components selection
Follow the steps as shown below for selecting the external components
1.
Work out IL_MAX from the operating conditions.
2.
Select the value of RSC such that IOCP > IL_MAX
3.
Select the value of L such that 0.05/µs < VOUT / L < 0.3V/ µs
4.
Select coil, schottky diodes, MOSFET and RCS which meet with the ratings
5.
Select the output capacitor which meets with the ripple voltage requirements
6.
Select the input capacitor
7.
Work on with the compensation circuit
8.
Work on with the Over-Voltage Protection (OVP) setting
9.
Work on with the soft-start setting
10.
Verify experimentally
Feedback the value of L


Similar Part No. - BD8119FM-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8119FM-M ROHM-BD8119FM-M Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
2Mb / 31P
   White Backlight LED Driver For Medium to Large LCD Panels
BD8119FM-ME2 ROHM-BD8119FM-ME2 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-ME2 ROHM-BD8119FM-ME2 Datasheet
2Mb / 31P
   White Backlight LED Driver For Medium to Large LCD Panels
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results

Similar Description - BD8119FM-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com