Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAD1-12025CHHW12 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FAD1-12025CHHW12
Description  120x120x25mm DC AXIAL FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FAD1-12025CHHW12 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FAD1-12025CHHW12 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
120x120x25mm
FAD1-12025 Series
Volt.
(VDC)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FAD1-12025C AW12
FAD1-12025C LW12
FAD1-12025C MW12
FAD1-12025C HW12
FAD1-12025C JW12
FAD1-12025D AW12
FAD1-12025D LW12
FAD1-12025D MW12
FAD1-12025D HW12
FAD1-12025D JW12
FAD1-12025E HW12
FAD1-12025E JW12
0.11
0.15
0.16
0.29
0.39
0.07
0.10
0.13
0.13
0.19
0.10
0.12
1.32
1.80
1.92
3.48
4.68
1.68
2.40
3.12
3.12
4.56
4.80
5.76
1500
1800
2050
2200
2500
1500
1800
2050
2200
2500
2200
2500
Maximum
AirFlow
1.618
2.032
2.293
2.486
2.800
1.618
2.032
2.293
2.486
2.800
2.486
2.800
57.205
71.806
81.054
87.870
98.965
57.205
71.806
81.054
87.870
98.965
87.870
98.965
12
12
12
12
12
24
24
24
24
24
48
48
(CMM)
(CFM)
Maximum Static
Pressure
0.074
0.093
0.113
0.134
0.174
0.074
0.093
0.113
0.134
0.174
0.134
0.174
1.879
2.362
2.870
3.403
4.419
1.879
2.362
2.870
3.403
4.419
3.403
4.419
(InAq)
(mmAq)
Noise
Level
(dB/A)
27.2
34.4
38.0
39.1
43.3
27.2
34.4
38.0
39.1
43.3
39.1
43.3
Weight
(g)
156.0
156.0
156.0
156.0
156.0
156.0
156.0
156.0
156.0
156.0
156.0
156.0
ISO-9001 Company
www.qualtekusa.com
DC AXIAL FAN
* Indicates “B” (Ball Bearing), “S” (Sleeve), or “H” (Hydro Dynamic)
*
Qualtek
Electronics Corporation
*
*
*
Noise is measured at the distance of one (1) meter from the axis of intake.
*
*
*
*
*
*
*
*
Motor: Brushless DC
Motor Protection: IC
Bearing Type: Two Ball, Sleeve, or Hydro Dynamic
Connection: UL 1007 AWG 24, 280mm Wire Leads
Impeller Material: Plastic UL94V-0
Operating Temp:
Two Ball: -10°C~70°C
Sleeve: -10°C~60°C
Hydro Dynamic: -10°C~70°C
Features:
Frame Material: Plastic UL94V-0
Life Expectancy:
Two Ball: 70,000 Hours
Sleeve: 30,000 Hours
Hydro Dynamic: 50,000 Hours
A
J
Fan-S Division


Similar Part No. - FAD1-12025CHHW12

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAD1-12038 QUALTEK-FAD1-12038 Datasheet
1Mb / 1P
   120x120x38mm DC AXIAL FAN
FAD1-12038CBAW12 QUALTEK-FAD1-12038CBAW12 Datasheet
1Mb / 1P
   120x120x38mm DC AXIAL FAN
FAD1-12038CBAW32 QUALTEK-FAD1-12038CBAW32 Datasheet
1Mb / 1P
   120x120x38mm DC AXIAL FAN
FAD1-12038CBHW12 QUALTEK-FAD1-12038CBHW12 Datasheet
1Mb / 1P
   120x120x38mm DC AXIAL FAN
FAD1-12038CBHW32 QUALTEK-FAD1-12038CBHW32 Datasheet
1Mb / 1P
   120x120x38mm DC AXIAL FAN
More results

Similar Description - FAD1-12025CHHW12

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAA1-12025 QUALTEK-FAA1-12025 Datasheet
1Mb / 1P
   120x120x25mm AC AXIAL FAN
logo
Dubilier
DBF12025B12H DUBILIER-DBF12025B12H Datasheet
142Kb / 1P
   DC COOLING FAN 120x120x25mm
DBF12025B115MT DUBILIER-DBF12025B115MT Datasheet
151Kb / 1P
   AC COOLING FAN 120x120x25mm
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com