Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1120LLHLX-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1120LLHLX-T
Description  Chopper Stabilized Precision Hall Effect Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1120LLHLX-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1120LLHLX-T Datasheet HTML 1Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 2Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 3Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 4Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 5Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 6Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 7Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 8Page - Allegro MicroSystems A1120LLHLX-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Chopper Stabilized Precision Hall Effect Switches
A1120, A1121, A1122
and A1125
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS Valid valid over full operating voltage and ambient temperature ranges; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit2
Electrical Characteristics
Forward Supply Voltage
VCC
Operating, TJ < 165°C
3
24
V
Output Leakage Current
IOUTOFF
A1120,
A1121,
A1122
VOUT = 24 V, B < BRP
––
10
μA
A1125
VOUT = 24 V, B > BOP
––
10
μA
Output Saturation Voltage
VOUT(SAT)
A1120,
A1121,
A1122
IOUT = 20 mA, B > BOP
185
500
mV
A1125
IOUT = 20 mA, B < BRP
185
500
mV
Output Current Limit
IOM
A1120,
A1121,
A1122
B > BOP
30
60
mA
A1125
B < BRP
30
60
mA
Power-On Time3
tPO
VCC > 3.0 V, B < BRP(min) – 10 G,
B > BOP(max) + 10 G
––
25
μs
Chopping Frequency
fC
800
kHz
Output Rise Time3,4
tr
RL = 820 Ω, CS = 20 pF
0.2
2
μs
Output Fall Time3,4
tf
RL = 820 Ω, CS = 20 pF
0.1
2
μs
Supply Current
ICC(ON)
A1120,
A1121,
A1122
VCC = 12 V, B > BOP
––
4
mA
A1125
VCC = 12 V, B < BRP
––
4
mA
ICC(OFF)
A1120,
A1121,
A1122
VCC = 12 V, B < BRP
––
4
mA
A1125
VCC = 12 V, B > BOP
––
4
mA
Reverse Supply Current
IRCC
VRCC = –30 V
–5
mA
Supply Zener Clamp Voltage
VZ
ICC = 5 mA; TA = 25°C
28
V
Zener Impedance
IZ
ICC = 5 mA; TA = 25°C
50
Ω
Magnetic Characteristics
Operate Point
BOP
A1120
35
50
G
A1121
50
95
135
G
A1122
120
150
200
G
A1125
35
50
G
Release Point
BRP
A1120
5
25
G
A1121
40
70
110
G
A1122
110
125
190
G
A1125
5
25
G
Hysteresis
BHYS
A1120,
A1125
(BOP – BRP)–
10
G
A1121,
A1122
10
25
42
G
1Typical data are are at TA = 25°C and VCC = 12 V, and are for initial design estimations only.
21 G (gauss) = 0.1 mT (millitesla).
3Guaranteed by device design and characterization.
4CS = oscilloscope probe capacitance.


Similar Part No. - A1120LLHLX-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1120LLHLX-T ALLEGRO-A1120LLHLX-T Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1120LLHLX-T ALLEGRO-A1120LLHLX-T Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A1120LLHLX-T ALLEGRO-A1120LLHLX-T Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
More results

Similar Description - A1120LLHLX-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_12 Datasheet
331Kb / 15P
   Chopper Stabilized Precision Hall Effect Switches
A1121 ALLEGRO-A1121 Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_16 Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3245 ALLEGRO-A3245_06 Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com