Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAD1-06025BSLW12 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # FAD1-06025BSLW12
Description  60x60x25mm DC AXIAL FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

FAD1-06025BSLW12 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  FAD1-06025BSLW12 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
60x60x25mm
FAD1-06025 Series
Volt.
(VDC)
Current
(A)
Power
(W)
Rated
Speed
(rpm)
Model No.
FAD1-06025B LW12
FAD1-06025B MW12
FAD1-06025B HW12
FAD1-06025C LW12
FAD1-06025C MW12
FAD1-06025C HW12
FAD1-06025C JW12
FAD1-06025CBKW12
FAD1-06025D LW12
FAD1-06025D MW12
FAD1-06025D HW12
FAD1-06025D JW12
0.08
0.17
0.35
0.04
0.08
0.13
0.21
0.30
0.07
0.06
0.08
0.10
0.40
0.85
1.75
0.48
0.96
1.56
2.52
3.60
1.68
1.44
2.88
2.40
2500
3500
4500
2500
3500
4500
5000
6100
2500
3500
4500
5000
Maximum
AirFlow
0.373
0.506
0.688
0.373
0.506
0.688
0.789
0.888
0.373
0.506
0.688
0.789
13.200
17.880
24.330
13.200
17.880
24.330
27.880
31.400
13.200
17.880
24.330
27.880
5
5
5
12
12
12
12
12
24
24
24
24
(CMM)
(CFM)
Maximum Static
Pressure
0.063
0.125
0.207
0.063
0.125
0.207
0.242
0.320
0.063
0.125
0.207
0.242
1.600
3.175
5.257
1.600
3.175
5.257
6.146
8.128
1.600
3.175
5.257
6.146
(InAq)
(mmAq)
Noise
Level
(dB/A)
18.1
27.9
36.3
18.1
27.9
36.3
37.6
42.9
18.1
27.9
36.3
37.6
Weight
(g)
53.0
53.0
53.0
53.0
53.0
53.0
53.0
53.0
53.0
53.0
53.0
53.0
ISO-9001 Company
www.qualtekusa.com
DC AXIAL FAN
* Indicates “B” (Ball Bearing), “S” (Sleeve), or “H” (Hydro Dynamic)
*
Qualtek
Electronics Corporation
*
*
*
Noise is measured at the distance of one (1) meter from the axis of intake.
*
*
*
*
*
*
*
Motor: Brushless DC
Motor Protection: IC
Bearing Type: Two Ball, Sleeve, or Hydro Dynamic
Connection: UL 1007 AWG 24, 320mm Wire Leads
Impeller Material: Plastic UL94V-0
Operating Temp:
Two Ball: -10°C~70°C
Sleeve: -10°C~60°C
Hydro Dynamic: -10°C~70°C
Features:
Frame Material: Plastic UL94V-0
Life Expectancy:
Two Ball: 70,000 Hours
Sleeve: 30,000 Hours
Hydro Dynamic: 50,000 Hours
K
J
Fan-S Division


Similar Part No. - FAD1-06025BSLW12

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAD1-04010 QUALTEK-FAD1-04010 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BAAW11 QUALTEK-FAD1-04010BAAW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BAHW11 QUALTEK-FAD1-04010BAHW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BAJW11 QUALTEK-FAD1-04010BAJW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
FAD1-04010BALW11 QUALTEK-FAD1-04010BALW11 Datasheet
1Mb / 1P
   40x40x10mm DC AXIAL FAN
More results

Similar Description - FAD1-06025BSLW12

ManufacturerPart #DatasheetDescription
logo
CoolCox Limited All rig...
CC6025 COOLCOX-CC6025 Datasheet
419Kb / 1P
   DC Axial Fan 60x60x25mm
logo
Dubilier
DBF6025B12H DUBILIER-DBF6025B12H Datasheet
128Kb / 1P
   DC COOLING FAN 60x60x25mm
logo
CoolCox Limited All rig...
BF6025 COOLCOX-BF6025 Datasheet
385Kb / 1P
   DC Blower Fan 60x60x25mm
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com