Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2065CDGN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2065CDGN
Description  Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2065CDGN Datasheet(HTML) 4 Page - Texas Instruments

  TPS2065CDGN Datasheet HTML 1Page - Texas Instruments TPS2065CDGN Datasheet HTML 2Page - Texas Instruments TPS2065CDGN Datasheet HTML 3Page - Texas Instruments TPS2065CDGN Datasheet HTML 4Page - Texas Instruments TPS2065CDGN Datasheet HTML 5Page - Texas Instruments TPS2065CDGN Datasheet HTML 6Page - Texas Instruments TPS2065CDGN Datasheet HTML 7Page - Texas Instruments TPS2065CDGN Datasheet HTML 8Page - Texas Instruments TPS2065CDGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS20xxC
SLVSAU6A –JUNE 2011–REVISED JULY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS:
–40°C ≤ T
J ≤ 125°C
Unless otherwise noted:4.5 V ≤ VIN ≤ 5.5 V, VEN = VIN or VEN = GND, IOUT = 0 A, typical values are at 5 V and 25°C. See the
DEVICE INFORMATION table for the rated current of each part number.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
0.5 A rated output
DBV
97
154
mΩ
DBV
96
154
1 A rated output
mΩ
RDS(ON) Input – output resistance
DGN
86
140
1.5 A rated output
DGN
69
112
mΩ
2 A rated output
DGN
72
112
mΩ
ENABLE INPUT (EN or EN)
Threshold
Input rising
1
1.45
2
V
Hysteresis
0.07
0.13
0.20
V
Leakage current
(VEN or VEN) = 0 V or 5.5 V
1
0
1
µ
A
VIN = 5 V, CL = 1 µF, RL = 100 Ω, EN ↑ or EN ↓.
See Figure 2, Figure 4, and Figure 5
tON
Turnon time
ms
0.5A / 1A Rated
1
1.4
1.8
1.5A / 2A Rated
1.2
1.7
2.2
VIN = 5 V, CL = 1 µF, RL = 100 Ω, EN ↓ or EN ↑.
See Figure 2, Figure 4, and Figure 5
tOFF
Turnoff time
ms
0.5A and 1A Rated
1.3
1.65
2
1.5A / 2A Rated
1.7
2.1
2.5
CL = 1 µF, RL = 100 Ω, VIN = 5 V. See Figure 3
tR
Rise time, output
0.5A / 1A Rated
0.4
0.55
0.7
ms
1.5A / 2A Rated
0.5
0.7
1.0
CL = 1 µF, RL = 100 Ω, VIN = 5 V. See Figure 3
tF
Fall time, output
0.5A / 1A Rated
0.25
0.35
0.45
ms
1.5A / 2A Rated
0.3
0.43
0.55
CURRENT LIMIT
0.5 A rated
0.65
0.85
1.05
output
1 A rated output
1.2
1.55
1.9
Current-limit,
IOS(2)
A
See Figure 8
1.5 A rated
1.6
2.15
2.7
output
2 A rated output
2.3
2.9
3.6
VIN = 5 V (see Figure 7),
One-half full load → RSHORT = 50 mΩ,
tIOS
Short-circuit response time(3)
2
µ
s
Measure from application to when current falls below
120% of final value
SUPPLY CURRENT
ISD
Supply current, switch disabled
0.01
10
µ
A
ISE
Supply current, switch enabled
65
90
µ
A
IREV
Reverse leakage current
VOUT = 5.5 V, VIN = 0 V, Measure IVOUT
0.2
20
µ
A
UNDERVOLTAGE LOCKOUT
VUVLO
Rising threshold
VIN
3.5
3.75
4
V
Hysteresis(3)
VIN
0.14
V
(1) Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature
(2) See CURRENT LIMIT section for explanation of this parameter.
(3) These parameters are provided for reference only, and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
4
Copyright © 2011, Texas Instruments Incorporated


Similar Part No. - TPS2065CDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2065CDGN TI1-TPS2065CDGN Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2065CDGN TI1-TPS2065CDGN Datasheet
1Mb / 29P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2065CDGN-2 TI1-TPS2065CDGN-2 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2065CDGNR TI-TPS2065CDGNR Datasheet
1Mb / 32P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2065CDGNR TI1-TPS2065CDGNR Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results

Similar Description - TPS2065CDGN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com