Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2735 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2735
Description  0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2735 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2735 Datasheet HTML 1Page - Texas Instruments OPA2735 Datasheet HTML 2Page - Texas Instruments OPA2735 Datasheet HTML 3Page - Texas Instruments OPA2735 Datasheet HTML 4Page - Texas Instruments OPA2735 Datasheet HTML 5Page - Texas Instruments OPA2735 Datasheet HTML 6Page - Texas Instruments OPA2735 Datasheet HTML 7Page - Texas Instruments OPA2735 Datasheet HTML 8Page - Texas Instruments OPA2735 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
OPA188
OPA2188
OPA4188
SBOS525
– AUGUST 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
SINGLE
OPA188AIDBVT
Tape and Reel, 250
SOT23-5
DBV
–40°C to +105°C
TBD
OPA188AIDBVR
Tape and Reel, 3000
OPA188AID
Rails, 100
OPA188(2)
SO-8
D
–40°C to +105°C
OPA188A
OPA188AIDR
Tape and Reel, 2500
OPA188AIDGKT
Tape and Reel, 250
MSOP-8
DGK
–40°C to +105°C
TBD
OPA188AIDGKR
Tape and Reel, 2500
DUAL
OPA2188AID
Rails, 100
SO-8
D
–40°C to +105°C
2188
OPA2188AIDR
Tape and Reel, 2500
OPA2188
OPA2188AIDGKT
Tape and Reel, 250
MSOP-8
DGK
–40°C to +105°C
2188
OPA2188AIDGKR
Tape and Reel, 2500
QUAD
OPA4188AID
Rails, 90
SO-14
D
–40°C to +105°C
OPA4188A
OPA4188AIDR
Tape and Reel, 2000
OPA4188(2)
OPA4188AIPW
Rails, 90
TSSOP-14
PW
–40°C to +105°C
OPA4188A
OPA4188AIPWR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Product preview device.
ABSOLUTE MAXIMUM RATINGS
OPAx188
UNIT
Supply voltage
±20, 40 (single supply)
V
Voltage
(V
–) – 0.5 to (V+) + 0.5
V
Signal input terminals
Current(1)
±10
mA
Output short-circuit(2)
Continuous
Operating temperature
–55 to +125
°C
Storage temperature
–65 to +150
°C
Junction temperature
+150
°C
Human body model (HBM)
1.5
kV
ESD ratings
Charged device model (CDM)
1
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Short-circuit to ground, one amplifier per package.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA188 OPA2188 OPA4188


Similar Part No. - OPA2735

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2735 BURR-BROWN-OPA2735 Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2735 TI1-OPA2735 Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA2735AID TI-OPA2735AID Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Burr-Brown (TI)
OPA2735AID BURR-BROWN-OPA2735AID Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2735AIDG4 BURR-BROWN-OPA2735AIDG4 Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2735

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_18 Datasheet
2Mb / 41P
[Old version datasheet]   0.005-uV/C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com