Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC3484IRKDT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3484IRKDT
Description  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3484IRKDT Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC3484IRKDT Datasheet HTML 4Page - Texas Instruments DAC3484IRKDT Datasheet HTML 5Page - Texas Instruments DAC3484IRKDT Datasheet HTML 6Page - Texas Instruments DAC3484IRKDT Datasheet HTML 7Page - Texas Instruments DAC3484IRKDT Datasheet HTML 8Page - Texas Instruments DAC3484IRKDT Datasheet HTML 9Page - Texas Instruments DAC3484IRKDT Datasheet HTML 10Page - Texas Instruments DAC3484IRKDT Datasheet HTML 11Page - Texas Instruments DAC3484IRKDT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
DAC3484
SLAS749A
– MARCH 2011 – REVISED JULY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
– DC SPECIFICATIONS
(1) (continued)
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
I(AVDD)
Analog supply current(4)
107
mA
MODE 2
I(DIGVDD)
Digital supply current
595
mA
fDAC = 1.25GSPS, 4x interpolation, Mixer on,
I(DACVDD)
DAC supply current
38
mA
QMC on, invsinc on, PLL disabled, 20mA FS
I(CLKVDD)
Clock supply current
71
mA
output, IF = 200MHz
P
Power dissipation
1198
mW
I(AVDD)
Analog supply current(4)
107
mA
MODE 3
I(DIGVDD)
Digital supply current
282
mA
fDAC = 625MSPS, 2x interpolation, Mixer on,
I(DACVDD)
DAC supply current
20
mA
QMC on, invsinc off, PLL disabled, 20mA FS
I(CLKVDD)
Clock supply current
41
mA
output, IF = 200MHz
P
Power dissipation
765
mW
I(AVDD)
Analog supply current(4)
35
mA
MODE 4
I(DIGVDD)
Digital supply current
595
mA
fDAC = 1.25GSPS, 4x interpolation, Mixer on,
I(DACVDD)
DAC supply current
38
mA
QMC on, invsinc on, PLL enabled, Channels
I(CLKVDD)
Clock supply current
90
mA
A/B/C/D output sleep, IF = 200MHz,
P
Power dissipation
984
mW
I(AVDD)
Analog supply current(4)
20
mA
Mode 5
I(DIGVDD)
Digital supply current
10
mA
Power-Down mode: No clock,
I(DACVDD)
DAC supply current
4
mA
DAC on sleep mode (clock receiver sleep),
Channels A/B/C/D output sleep, static data
I(CLKVDD)
Clock supply current
10
mA
pattern
P
Power Dissipation
95
mW
I(AVDD)
Analog supply current(4)
107
mA
Mode 6
I(DIGVDD)
Digital supply current
333
mA
fDAC = 1GSPS, 8x interpolation, Mixer off,
I(DACVDD)
DAC supply current
35
mA
QMC on, invsinc off, PLL enabled, 20mA FS
I(CLKVDD)
Clock supply current
60
mA
output, IF = 200MHz
P
Power dissipation
867
mW
I(AVDD)
Analog supply current(4)
123
mA
Mode 7
I(DIGVDD)
Digital supply current
323
mA
fDAC = 737.28MSPS, 4x interpolation, Mixer on,
I(DACVDD)
DAC supply current
23
mA
QMC on, invsinc off, PLL enabled, 20mA FS
I(CLKVDD)
Clock supply current
69
mA
output, IF = 150MHz
P
Power dissipation
904
mW
Operating Range
–40
25
85
°C
8
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - DAC3484IRKDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3484IRKDT TI1-DAC3484IRKDT Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
More results

Similar Description - DAC3484IRKDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com