Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VX-508 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VX-508
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-508 Datasheet(HTML) 1 Page - Vectron International, Inc

  VX-508 Datasheet HTML 1Page - Vectron International, Inc VX-508 Datasheet HTML 2Page - Vectron International, Inc VX-508 Datasheet HTML 3Page - Vectron International, Inc VX-508 Datasheet HTML 4Page - Vectron International, Inc VX-508 Datasheet HTML 5Page - Vectron International, Inc VX-508 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 1 of 6
VX-508
Voltage Controlled Crystal Oscillator
Low G-Sensitivity
Low G-Sensitivity
Vibration hardened
Tight Tolerances
Low Phase Noise
Vibration Environment
Airborne and Military Equipment
Portable Equipment
Tactical Weapons
Features
Applications
VX-508
Frequency Stabilities1 (Frequency Range - 10 to 120 MHz)
Parameter
Min
Typical
Max
Units
Condition
vs. operating temperature range
(referenced to +25°C)
-15.0
-25.0
-40.0
+15.0
+25.0
+40.0
ppm
ppm
ppm
-20 to +70°C
-40 to +85°C
-55 to +105°C
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging / 1 year
vs. aging / 10 years
-25.0
-3.0
-2.0
-1.0
-5.0
+25.0
+3.0
+2.0
+1.0
+5.0
ppm
ppm
ppm
ppm
ppm
25°C
V
S
±5% static
Load ±10% static
after 30 days of operation
after 30 days of operation
Performance Specifications2


Similar Part No. - VX-508

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-508 VECTRON-VX-508 Datasheet
234Kb / 6P
   Voltage Controlled Crystal Oscillator Low G-Sensitivity
More results

Similar Description - VX-508

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com