Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VM-822 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VM-822
Description  MEMS based HCSL, LVDS, LVPECL Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VM-822 Datasheet(HTML) 6 Page - Vectron International, Inc

  VM-822 Datasheet HTML 1Page - Vectron International, Inc VM-822 Datasheet HTML 2Page - Vectron International, Inc VM-822 Datasheet HTML 3Page - Vectron International, Inc VM-822 Datasheet HTML 4Page - Vectron International, Inc VM-822 Datasheet HTML 5Page - Vectron International, Inc VM-822 Datasheet HTML 6Page - Vectron International, Inc VM-822 Datasheet HTML 7Page - Vectron International, Inc VM-822 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Environmental and IR Compliance
Table 5. Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002
Mechanical Vibration
MIL-STD-883 Method 2007
Temperature Cycle
MIL-STD-883 Method 1010
Solderability
MIL-STD-883 Method 2003
Fine and Gross Leak
Fine and Gross Leak
MIL-STD-883 Method 1014
Resistance to Solvents
MIL-STD-202 Method 215
Moisture Sensitivity Level
Moisture Sensitivity Level
MSL1
Page6
LVPECL Application Diagrams
The VM-822 incorporates a standard LVPECL output scheme, which are un-terminated emitters as shown in Figure 8. There are numerous application
notes on terminating and interfacing LVPECL logic and the two most common methods are a single resistor to ground, Figure 9, and a pull-up/pull-down
scheme as shown in Figure 10. An AC coupling capacitor is optional, depending on the application and the input logic requirements of the next stage.
Figure 11. Single Resistor Termination Scheme
Figure 12. Pull-Up Pull Down Termination
Resistor values are typically 140 ohms for 3.3V operation
and 82.5ohms for 2.5V operation.
Resistor values are typically for 3.3V operation
For 2.5V operation, the resistor to ground is 62
ohms and the resistor to supply is 250 ohms
100
LVDS
Driver
LVDS
Receiver
100
LVDS
Driver
Receiver
Figure 13. LVDS to LVDS Connection, Internal 100ohm
Figure 14. LVDS to LVDS Connection
External 100ohm and AC blocking caps
Some LVDS structures have an internal 100 ohm resistor on the
input and do not need additional components.
Some input structures may not have an internal 100 ohm
resistor on the input and will need an external 100ohm
resistor for impedance matching. Also, the input may have
an internal DC bias which may not be compatible with
LVDS levels, AC blocking capacitors can be used.
LVDS Application Diagrams
One of the most important considerations is terminating the Output and Complementary Outputs equally. An unused output should not be left un-termi-
nated, and if one of the two outputs is left open it will result in excessive jitter on both. PC board layout must take this and 50 ohm impedance matching
into account. Load matching and power supply noise are the main contributors to jitter related problems.
140Ω
140Ω


Similar Part No. - VM-822

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VM-820 VECTRON-VM-820 Datasheet
181Kb / 5P
   MEM?셲 Clock Oscillator
More results

Similar Description - VM-822

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VM-702 VECTRON-VM-702 Datasheet
282Kb / 8P
   MEMS based HCSL, LVDS, LVPECL Oscillator
VM-802 VECTRON-VM-802 Datasheet
284Kb / 8P
   MEMS based HCSL, LVDS, LVPECL Oscillator
VC-709 VECTRON-VC-709 Datasheet
291Kb / 8P
   HCSL, LVDS, LVPECL Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
   LVPECL , LVDS OSCILLATOR
9/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
   LVPECL,LVDS Oscillator
01/08/05
logo
Micrel Semiconductor
DSC2042 MICREL-DSC2042 Datasheet
527Kb / 6P
   Low-Jitter Configurable HCSL-LVPECL Oscillator
logo
Microchip Technology
VC-714 MICROCHIP-VC-714 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
logo
Vectron International, ...
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
   LVPECL, LVDS Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9210 ACT-ACT9210 Datasheet
118Kb / 2P
   LVPECL , PECL , LVDS OSCILLATOR
9-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com