Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VM-802-ECE-KAAN-156M250 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VM-802-ECE-KAAN-156M250
Description  MEMS based HCSL, LVDS, LVPECL Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VM-802-ECE-KAAN-156M250 Datasheet(HTML) 5 Page - Vectron International, Inc

  VM-802-ECE-KAAN-156M250 Datasheet HTML 1Page - Vectron International, Inc VM-802-ECE-KAAN-156M250 Datasheet HTML 2Page - Vectron International, Inc VM-802-ECE-KAAN-156M250 Datasheet HTML 3Page - Vectron International, Inc VM-802-ECE-KAAN-156M250 Datasheet HTML 4Page - Vectron International, Inc VM-802-ECE-KAAN-156M250 Datasheet HTML 5Page - Vectron International, Inc VM-802-ECE-KAAN-156M250 Datasheet HTML 6Page - Vectron International, Inc VM-802-ECE-KAAN-156M250 Datasheet HTML 7Page - Vectron International, Inc VM-802-ECE-KAAN-156M250 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Package and Pinout
Table 4. Pinout
Pin #
Symbol
Function
1
E/D or NC
Enable/Disable
2
NC
No Connection
3
GND
Electrical and Lid Ground
4f
O
Output Frequency
5Cf
O
Complementary Output Frequency
6V
DD
Supply Voltage
HCSL Application Diagrams
The VM-802 incorporates a standard High Speed Current Logic, HCSL ,output scheme which is a 15mA current source switched between Out and Comple-
mentary Out. Being un-terminated drains, as shown in Figure 8, they require external 50 ohm resistors to ground as shown in Figure 9. HCSL is a high im-
pedance output with quick switching times, in can be advantageous to use a 10 to 30 ohm series resistor as shown in Figure 10, to help reduce overshoot/
ringing.
Figure 8.
Standard HCSL Output Configuration
Figure 9.
Single Resistor Termination Scheme
Figure 10.
In some cases a 10-30 ohm series resistor is
used to help reduce overshoot.
One of the most important considerations is terminating the Output and Complementary Outputs equally. An unused output should not be left un-termi-
nated, and if it one of the two outputs is left open it will result in excessive jitter on both. PC board layout must take this and 50 ohm impedance matching
into account. Load matching and power supply noise are the main contributors to jitter related problems.
15mA
Page5
50 Ω
50 Ω
1
6
2
5
3
4
Z
L
=50 ohms
Z
L
=50 ohms
50 Ω
1
6
2
5
3
4
50 Ω
Z
L
=50 ohms
Z
L
=50 ohms
10-30 Ω
10-30 Ω
Contact Pads are
Gold flash (0.003 um min ) over
Palladium (0.01-0.15um) over
Nickel (0.508-2.032um)
Figure 7. Pad Layout
Units: mm (inches)
3.2±0.05 [0.126±0.002]
0.85±0.05 [0.033±0.002]
5.0±0.05
[0.197±0.002]
1.27 [0.050]
0.64±0.05
[0.025±0.002]
Figure 6. Package Outline Drawing
Figure 7. Pad Layout
Power Supply cap
is required
1.27 [0.050]
1.2 [0.047]
0.64 [0.025]
1.1 [0.043]
Via to GND
Via to Supply


Similar Part No. - VM-802-ECE-KAAN-156M250

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VM-800 VECTRON-VM-800 Datasheet
183Kb / 5P
   MEM?셲 Clock Oscillator
More results

Similar Description - VM-802-ECE-KAAN-156M250

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VM-702 VECTRON-VM-702 Datasheet
282Kb / 8P
   MEMS based HCSL, LVDS, LVPECL Oscillator
VM-822 VECTRON-VM-822 Datasheet
289Kb / 8P
   MEMS based HCSL, LVDS, LVPECL Oscillator
VC-709 VECTRON-VC-709 Datasheet
291Kb / 8P
   HCSL, LVDS, LVPECL Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
   LVPECL , LVDS OSCILLATOR
9/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
   LVPECL,LVDS Oscillator
01/08/05
logo
Micrel Semiconductor
DSC2042 MICREL-DSC2042 Datasheet
527Kb / 6P
   Low-Jitter Configurable HCSL-LVPECL Oscillator
logo
Microchip Technology
VC-714 MICROCHIP-VC-714 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
logo
Vectron International, ...
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
   LVPECL, LVDS Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9210 ACT-ACT9210 Datasheet
118Kb / 2P
   LVPECL , PECL , LVDS OSCILLATOR
9-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com