Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLP-20-36 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PLP-20-36
Description  20W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLP-20-36 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PLP-20-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLP-20-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLP-20-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
Unit:mm
20WSingleOutputLEDPowerSupply
P L P - 2 0 series
BlockDiagram
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
O.V.P.
&
O.C.P.
DeratingCurve
DeratingCurve
140
AC/L
AC/N
+V
-V
-25
-5
0
15
30
20
40
60
80
100
-25
-5
0
15
30
40
50
20
40
60
80
100
AMBIENTTEMPERATURE(
)
-30
60
18AWG
5~8
18AWG
5~8
(BROWN)
(BLUE)
(RED)
(BLACK)
FileName:PLP-20-SPEC2011-03-09
Ta:25
StaticCharacteristics
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
277
100
90
80
70
60
50
40
(HORIZONTAL)
300 10
300 10
133
3.5


Similar Part No. - PLP-20-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-20-36 MEANWELL-PLP-20-36 Datasheet
872Kb / 2P
   20W Single Output LED Power Supply
PLP-20-36 MEANWELL-PLP-20-36 Datasheet
178Kb / 3P
   20W Single Output LED Power Supply
PLP-20-36 MEANWELL-PLP-20-36 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
More results

Similar Description - PLP-20-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
PLN-20 MEANWELL-PLN-20 Datasheet
183Kb / 3P
   20W Single Output LED Power Supply
PLP-20_1108 MEANWELL-PLP-20_1108 Datasheet
178Kb / 3P
   20W Single Output LED Power Supply
PLN-20_1108 MEANWELL-PLN-20_1108 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
PLN-20 MEANWELL-PLN-20_12 Datasheet
185Kb / 3P
   20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20 Datasheet
872Kb / 2P
   20W Single Output LED Power Supply
PLN-20 MEANWELL-PLN-20_11 Datasheet
183Kb / 3P
   20W Single Output LED Power Supply
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_12 Datasheet
771Kb / 2P
   20W Single Output Swithching Power supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com