Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLN-60-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PLN-60-48
Description  60W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLN-60-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PLN-60-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLN-60-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLN-60-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
PLN-60-12
PLN-60-15
PLN-60-20
PLN-60-24
PLN-60-27
PLN-60-36
PLN-60-48
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE Note.5
CURRENT ADJ.RANGE Note.5
LINEREGULATION
LOADREGULATION
SETUP TIME
VOLTAGERANGE
Note.4
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
SHORTCIRCUIT
OVERVOLTAGE
OVERTEMPERATURE
12V
15V
20V
24V
27V
36V
48V
5A
4A
3A
2.5A
2.3A
1.7A
1.3A
0~5A
0~4A
0~3A
0~2.5A
0~2.3A
0~1.7A
0~1.3A
60W
60W
60W
60W
62.1W
61W
62.5W
2Vp-p
2.4Vp-p
1.8Vp-p
2.7Vp-p
2.7Vp-p
3.6Vp-p
4.6Vp-p
10%
3%~-25%.CanbeadjustedbyinternalpotentiometerSVR2
3.0%
5.0%
1500ms/230VAC3000ms/115VACatfullload
90~295VAC
127~417VDC
47~63Hz
PF>0.98/115VAC,PF>0.9/230VAC,PF>0.9/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
85%
86%
87.5%
87%
88%
89%
89%
13.8~16V
17.5~21V
23~26V
28~32V
31~35V
41~46V
54~60V
0.8A/115VAC0.4A/230VAC
40A/230VAC
<0.75mA /240VAC
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
-30~+50
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
497.8Khrsmin.MIL-HDBK-217F(25
)
181*61.5*35mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. Output voltage can be adjusted through the SVR1 on the PCB ; limit of output constant current level can be adjusted through the SVR2 on the PCB.
6. Constant current operation region is within 70% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
7. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
8. Direct connecting to LEDs is suggested, but is not suitable for using additional drivers.
0.5Kg;24pcs/13Kg/0.75CUFT
60WSingleOutputLEDPowerSupply
Universal AC input / Full range
Protections: Short circuit / Over current / Over voltage / Over temperature
Cooling by free air convection
Built-in constant current limiting circuit with adjustable OCP level
Fully isolated plastic case with IP64 level
Built-in active PFC function
IP64 design for indoor or outdoor installations
Pass LPS
UL1310 Class 2 power unit
100% full load burn-in test
High reliability
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
2 years warranty
(up to 295VAC)
Suitable for dry / damp locations
(Note.2)
High efficiency 89%
Features :
P L N - 6 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
95
10
(TSW1)detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
FileName:PLN-60-SPEC2011-07-27
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P:100MOhms/500VDC/25
/70%RH
Complianceto
EN55022(CISPR22)ClassB,
EN55015,
EN61000-3-2ClassC(
75%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61547,lightindustrylevel,criteria A
95~110%
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
IP64
( for 48V only)
( except for 48V )
F
M
M
110
LPS
SELV
10.5~15V
14~20V
16.8~24V
18.9~27V
25.2~36V
33.6~48V
8.4~12V
CONSTANTCURRENTREGION Note.6
CanbeadjustedbyinternalpotentiometerSVR1
11.5~13V
14.5~16.2V
19.5~22V
24~26V
25~30V
32.5~39V
43.6~51.8V
EMCIMMUNITY
EMCEMISSION
CAN/CSA C22.2No.223-M91(exceptfor48V);J61347-1,J61347-2-13,IP64approved
UL879,UL8750,UL1310Class2, TUVEN61347-1,EN61347-2-13independent


Similar Part No. - PLN-60-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-60-48 MEANWELL-PLN-60-48 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
PLN-60-48 MEANWELL-PLN-60-48 Datasheet
221Kb / 3P
   60W Single Output LED Power Supply
More results

Similar Description - PLN-60-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_11 Datasheet
238Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60 Datasheet
259Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60_12 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60_12 Datasheet
221Kb / 3P
   60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60 Datasheet
239Kb / 3P
   60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60_11 Datasheet
242Kb / 3P
   60W Single Output LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com