Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF7970A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TRF7970A
Description  MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF7970A Datasheet(HTML) 2 Page - Texas Instruments

  TRF7970A Datasheet HTML 1Page - Texas Instruments TRF7970A Datasheet HTML 2Page - Texas Instruments TRF7970A Datasheet HTML 3Page - Texas Instruments TRF7970A Datasheet HTML 4Page - Texas Instruments TRF7970A Datasheet HTML 5Page - Texas Instruments TRF7970A Datasheet HTML 6Page - Texas Instruments TRF7970A Datasheet HTML 7Page - Texas Instruments TRF7970A Datasheet HTML 8Page - Texas Instruments TRF7970A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
MUX
RX_IN1
RX_IN2
PHASE &
AMPLITUDE
DETECTOR
GAIN
RSSI
(AUX)
LOGIC
STATE
CONTROL
LOGIC
[CONTROL
REGISTERS &
COMMAND
LOGIC]
128 BYTE
FIFO
MCU
INTERFACE
VDD_I/O
I/O_0
I/O_1
I/O_2
I/O_3
I/O_4
I/O_5
I/O_6
I/O_7
IRQ
SYS_CLK
DATA _CLK
ISO
PROTOCOL
HANDLING
DECODER
RSSI
(EXTERNAL)
PHASE &
AMPLITUDE
DETECTOR
GAIN
RSSI
(MAIN)
FILTER
& AGC
DIGITIZER
BIT
FRAMING
FRAMING
SERIAL
CONVERSION
CRC & PARITY
TRANSMITTER ANALOG
FRONT END
TX_OUT
VDD_PA
VSS_PA
DIGITAL CONTROL
STATE MACHINE
CRYSTAL / OSCILLATOR
TIMING SYSTEM
EN
EN2
ASK/OOK
MOD
OSC_IN
OSC_OUT
VOLTAGE SUPPLY REGULATOR SYSTEMS
[SUPPLY REGULATORS , REFERENCE VOLTAGES ]
VSS_A
VSS_RF
VDD_RF
VDD_X
VSS_D
VSS
VIN
VDD_A
BAND_GAP
RF Level
Detector
TRF7970A
SLOS743
– AUGUST 2011
www.ti.com
The TRF7970A is configured by selecting the desired protocol in the control registers. Direct access to all
control registers allows fine tuning of various reader parameters as needed.
Documentation, reference designs, EVM, and TI MCU (MSP430, ARM) source code are available.
Figure 1-1. Block Diagram
1.3.1
Detailed Description
RFID/NFC Operation
– Reader/Writer
The TRF7970A is a high performance 13.56-MHz HF RFID/NFC Transceiver IC comprised of an
integrated analog front end (AFE) and a built-in data framing engine for ISO15693, ISO14443A,
ISO14443B, and FeliCa. This includes data rates up to 848 kbps for ISO14443 with all framing and
synchronization tasks on board (in default mode). The TRF7970A also supports NFC Tag Type 1, 2, 3,
and 4 operations. This architecture enables the customer to build a complete cost-effective yet
high-performance multi-protocol 13.56-MHz RFID/NFC system together with a low-cost microcontroller (for
example, MSP430).
Other standards and even custom protocols can be implemented by using two of the Direct Modes that
the device offers. These Direct Modes (0 and 1) allow the user to fully control the analog front end (AFE)
and also gain access to the raw subcarrier data or the unframed but already ISO formatted data and the
associated (extracted) clock signal.
The receiver system has a dual input receiver architecture. The receivers also include various automatic
and manual gain control options. The received input bandwidth can be selected to cover a broad range of
input subcarrier signal options.
2
Introduction
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TRF7970A


Similar Part No. - TRF7970A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7970A TI-TRF7970A Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
TRF7970A TI1-TRF7970A Datasheet
2Mb / 87P
[Old version datasheet]   Multiprotocol Fully Integrated 13.56-MHz RFID and Near Field Communication (NFC) Transceiver IC
TRF7970A TI1-TRF7970A Datasheet
806Kb / 7P
[Old version datasheet]   HF-RFID Reader Layout Design Guide
TRF7970AEVM TI-TRF7970AEVM Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
TRF7970AEVM TI1-TRF7970AEVM Datasheet
2Mb / 87P
[Old version datasheet]   Multiprotocol Fully Integrated 13.56-MHz RFID and Near Field Communication (NFC) Transceiver IC
More results

Similar Description - TRF7970A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7970A TI-TRF7970A Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
TRF7970A TI1-TRF7970A_14 Datasheet
2Mb / 87P
[Old version datasheet]   Multiprotocol Fully Integrated 13.56-MHz RFID and Near Field Communication (NFC) Transceiver IC
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
DK-EM2-7960R TI-DK-EM2-7960R Datasheet
158Kb / 3P
[Old version datasheet]   13.56 MHz RFID Protocol on Stellaris짰
TRF7960 TI-TRF7960_12 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7963ARHBR TI-TRF7963ARHBR Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID EADER/WRITER FOR ISO14443A,B/NFC STANDARDS
logo
STMicroelectronics
ST25R95 STMICROELECTRONICS-ST25R95 Datasheet
874Kb / 61P
   Near field communication transceiver
April 2019
ST21NFCA STMICROELECTRONICS-ST21NFCA Datasheet
263Kb / 6P
   Near field communication microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com