Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL6040A2ZQZR Datasheet(PDF) 1 Page - Texas Instruments

Part # TWL6040A2ZQZR
Description  8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL6040A2ZQZR Datasheet(HTML) 1 Page - Texas Instruments

  TWL6040A2ZQZR Datasheet HTML 1Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 2Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 3Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 4Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 5Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 6Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 7Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 8Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TWL6040
www.ti.com
SWCS044H
– NOVEMBER 2009 – REVISED JULY 2011
8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC
FOR PORTABLE APPLICATIONS
Check for Samples: TWL6040
1
FEATURES
– 12-/19.2-/26-/38.4-MHz system clock input
Accessory plug/unplug detection, accessory
2
Four audio digital-to-analog (DAC) channels
button press detection
Stereo capless headphone drivers:
Integrated power supplies:
– Up to 104-dB DR
– Negative charge pump for capless
– Power tune for performance/power
headphone driver
consumption tradeoff
– Two low dropout voltage regulators (LDOs)
Stereo 8
Ω, 1.5 W per channel speaker drivers
for high power supply rejection ratio
Differential earpiece driver
(PSRR)
Stereo line-out
I2C control
Two audio analog-to-digital (ADC) channels:
Thermal protection:
– 96-dBA SNR
– Host interrupt
Four audio inputs:
Power supplies:
– Three differential microphone inputs
– Analog: 2.1 V
– Stereo line-in/FM input
– Digital I/O: 1.8 V
Two vibrator/haptics feedback channels:
– Battery 2.3 to 5.5 V
– Differential H-bridge drivers
Package 6-mm
× 6-mm 120-pin PBGA
Two low-noise analog microphone bias
outputs
APPLICATIONS
Two digital microphone bias outputs
Mobile and smart phones
Analog low-power loop from line-in to
MP3 players
headphone/speaker outputs
Handheld devices
Dual phase-locked loops (PLLs) for flexible
clock support:
– 32-kHz sleep clock input for system
low-power playback mode
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
OMAP4 is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TWL6040A2ZQZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6040A2ZQZR TI1-TWL6040A2ZQZR Datasheet
724Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
TWL6040A2ZQZR TI-TWL6040A2ZQZR Datasheet
458Kb / 15P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
More results

Similar Description - TWL6040A2ZQZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6041 TI1-TWL6041 Datasheet
417Kb / 9P
[Old version datasheet]   8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
[Old version datasheet]   8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI1-TWL6040_16 Datasheet
724Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI-TWL6040_V02 Datasheet
458Kb / 15P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040 TI-TWL6040_V01 Datasheet
749Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
   LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
   Low Power Audio CODEC for Portable Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
   Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
   Ultra Low-Power Codec for Portable Audio Applications
logo
Wolfson Microelectronic...
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
   Ultra Low Power CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com