Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL6040A2ZQZR Datasheet(PDF) 9 Page - Texas Instruments

Part # TWL6040A2ZQZR
Description  8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL6040A2ZQZR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TWL6040A2ZQZR Datasheet HTML 5Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 6Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 7Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 8Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 9Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 10Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 11Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 12Page - Texas Instruments TWL6040A2ZQZR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
TWL6040
www.ti.com
SWCS044H
– NOVEMBER 2009 – REVISED JULY 2011
UPLINK MICROPHONE CHANNEL
Over operating free-air temperature range (unless otherwise noted)
UPLINK MICROPHONE CHANNEL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Single-ended or differential input swing 0 dBFs (THD
> 40 dB)
2
Vpp
Single-ended or differential input slew rate
1
V/
µs
Programmable preattenuation
–6
0
dB
Programmable preamplifier gain
6
30
dB
Programmable preamplifier gain step size
6
dB
Absolute gain accuracy
Gain = Min
–0.5
0.5
dB
Gain = Min to Max referenced to
Relative gain accuracy
–0.5
0.5
dB
gain = Min
Gain step size accuracy
Referenced to step = Typ
–0.25
0.25
dB
f = 20
–20 kHz,
Gain variation with frequency
relative to f = 1 kHz
–0.5
0.5
dB
without external capacitor
Single-ended input resistance
160
200
240
k
Ω
0 dBFs
–42
–40
–10 dBFs
–72
–70
Total harmonic distortion in 20
–20 kHz bandwidth
–20 dBFs
–67
–65
dB(A)
Gain = Min, f = 1 kHz
–40 dBFs
–47
–45
–60 dBFs
–27
–25
20 Hz to 8 kHz, gain = 6 dB
10.9
14.8
Input referred idle channel noise (including
microphone bias and typical microphone biasing
20 Hz to 8 kHz, gain = 24 dB
2.5
3.3
circuitry)
20 Hz to 20 kHz, gain = 6 dB
13.6
18.6
µVrms(A)
20 Hz to 20 kHz, gain = 12 dB
6.7
9.6
20 Hz to 20 kHz, gain = 18 dB
4.1
5.6
20 Hz to 20 kHz, gain = 24 or 30 dB
3
4
Signal-to-noise ratio
20 Hz to 8 kHz, gain = 6 dB
92
98
20 Hz to 8 kHz, gain = 24 dB
86
92
dB(A)
20 Hz to 20 kHz, gain = 6 dB
90
96
20 Hz to 20 kHz, gain = 24 or 30 dB
84
90
Power supply rejection from VBAT
Gain = Min
VBAT
> 2.3 V, f < 1 kHz
74
VBAT
> 2.3 V, f < 8 kHz
56
VBAT
> 2.3 V, f < 20 kHz
48
dB(A)
VBAT
> 2.5 V, f < 1 kHz
80
VBAT
> 2.5 V, f < 8 kHz
62
VBAT
> 2.5 V, f < 20 kHz
54
Antialias attenuation at Fs
6-dB gain
15
22
dB
24-dB gain
30
40
Interchannel crosstalk and separation
Input at 1 kHz and
–20 dBFs
60
dB
Preamplifier Gain = 18 dB
Input-to-output leakage
Input at 1 kHz and 0 dBFs
–80
–74
dB
Common mode rejection
20 Hz to 20 kHz
60
45
dB
Delay
MicAmp input to McPDM output
4
µs
Total uplink current from VBAT = 3.6 V
Mono
3
4.6
mA
(with analog microphone load)
Stereo
5.9
7.8
Copyright
© 2009–2011, Texas Instruments Incorporated
9


Similar Part No. - TWL6040A2ZQZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6040A2ZQZR TI1-TWL6040A2ZQZR Datasheet
724Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
TWL6040A2ZQZR TI-TWL6040A2ZQZR Datasheet
458Kb / 15P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
More results

Similar Description - TWL6040A2ZQZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6041 TI1-TWL6041 Datasheet
417Kb / 9P
[Old version datasheet]   8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
[Old version datasheet]   8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI1-TWL6040_16 Datasheet
724Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI-TWL6040_V02 Datasheet
458Kb / 15P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040 TI-TWL6040_V01 Datasheet
749Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
   LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
   Low Power Audio CODEC for Portable Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
   Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
   Ultra Low-Power Codec for Portable Audio Applications
logo
Wolfson Microelectronic...
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
   Ultra Low Power CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com