Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLN-45-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PLN-45-15
Description  45W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLN-45-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PLN-45-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLN-45-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLN-45-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
PLN-45-12
PLN-45-15
PLN-45-20
PLN-45-24
PLN-45-27
PLN-45-36
PLN-45-48
DCVOLTAGE
CONSTANTCURRENT
OPERATIONVOLTAGE Note.6
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE Note.5
CURRENT ADJ.RANGE Note.5
LINEREGULATION
LOADREGULATION
SETUP TIME
VOLTAGERANGE
Note.4
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
SHORTCIRCUIT
OVERVOLTAGE
OVERTEMPERATURE
12V
15V
20V
24V
27V
36V
48V
3.8A
3A
2.3A
1.9A
1.7A
1.25A
0.95A
0~3.8A
0~3A
0~2.3A
0~1.9A
0~1.7A
0~1.25A
0~0.95A
45.6W
45W
46W
45.6W
45.9W
45W
45.6W
2Vp-p
2.4Vp-p
1.8Vp-p
2.7Vp-p
2.7Vp-p
3.6Vp-p
4.6Vp-p
10%
3%~-25%.CanbeadjustedbyinternalpotentiometerSVR2
3.0%
5.0%
1500ms/230VAC3000ms/115VACatfullload
90~295VAC127~417VDC
47~63Hz
PF>0.92/115VAC,PF>0.9/230VAC,PF>0.9/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
83.5%
85%
86.5%
86.5%
86.5%
87.5%
87.5%
13.8~16V
17.5~21V
22.8~25V
28~32V
31~35V
41~46V
54~60V
0.55A/115VAC0.25A/230VAC
40A/230VAC
<0.75mA /240VAC
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
-30~+50
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
497.8Khrsmin.MIL-HDBK-217F(25
)
181*61.5*35mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. Output voltage can be adjusted through the SVR1 on the PCB ; limit of output constant current level can be adjusted through the SVR2 on the PCB.
6. Constant current operation region is within 75% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
7. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
8. Direct connecting to LEDs is suggested, but is not suitable for using additional drivers.
0.5Kg;24pcs/13Kg/0.75CUFT
45WSingleOutputLEDPowerSupply
Universal AC input / Full range
Protections: Short circuit / Over current / Over voltage / Over temperature
Cooling by free air convection
Built-in constant current limiting circuit with adjustable OCP level
Fully isolated plastic case with IP64 level
Built-in active PFC function
IP64 design for indoor or outdoor installations
Pass LPS
UL1310 Class 2 power unit
100% full load burn-in test
High reliability
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
2 years warranty
(up to 295VAC)
(Note.2)
Features :
P L N - 4 5 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
95
10
(TSW1)detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P:100MOhms/500VDC/25
/70%RH
Complianceto EN55015,EN61000-3-2ClassC(
75%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61547,lightindustrylevel,criteria A
95~110%
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
IP64
( for 48V only)
( except for 48V )
F
M
M
110
LPS
SELV
11.25~15V
15~20V
18~24V
20.25~27V
27~36V
36~48V
9~12V
CanbeadjustedbyinternalpotentiometerSVR1
11.5~13V
14.5~16.2V
19.5~22V
24~26V
25~30V
32.5~39V
43.6~51.8V
EMCIMMUNITY
EMCEMISSION
CAN/CSA C22.2No.223-M91(exceptfor48V);J61347-1,J61347-2-13,IP64approved
UL879,UL8750,UL1310Class2, TUVEN61347-1,EN61347-2-13independent


Similar Part No. - PLN-45-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-45-15 MEANWELL-PLN-45-15 Datasheet
208Kb / 3P
   45W Single Output LED Power Supply
More results

Similar Description - PLN-45-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-45-12 MEANWELL-PLN-45-12 Datasheet
190Kb / 2P
   45W Single Output LED Power Supply
PLC-45 MEANWELL-PLC-45 Datasheet
144Kb / 3P
   45W Single Output LED Power Supply
PLN-45 MEANWELL-PLN-45_12 Datasheet
208Kb / 3P
   45W Single Output LED Power Supply
PLP-45 MEANWELL-PLP-45_11 Datasheet
336Kb / 3P
   45W Single Output LED Power Supply
PLC-45 MEANWELL-PLC-45_12 Datasheet
150Kb / 3P
   45W Single Output LED Power Supply
PLP-45 MEANWELL-PLP-45_12 Datasheet
337Kb / 3P
   45W Single Output LED Power Supply
logo
Astrodyne Corporation
PS-45 ASTRODYNE-PS-45 Datasheet
1Mb / 8P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-45S MEANWELL-EPS-45S Datasheet
96Kb / 4P
   45W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS45 ASTRODYNE-PS45 Datasheet
322Kb / 4P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45 MEANWELL-PS-45_11 Datasheet
341Kb / 2P
   45W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com