Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSD15-48S15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NSD15-48S15
Description  15W DC-DC Regulated Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NSD15-48S15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NSD15-48S15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NSD15-48S15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
SAFETY STANDARDS
WORKINGTEMP.
ON/OFFCONTROL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE(CLAMP)
DCCURRENT
3.3V
5V
12V
15V
3.3V
5V
12V
15V
NSD15-12S3
NSD15-12S5
NSD15-12S12
NSD15-12S15
NSD15-48S3
NSD15-48S5
NSD15-48S12
NSD15-48S15
3.75A
3A
1.25A
1A
3.75A
3A
1.25A
1A
0.18~3.75A
0.15~3A
0.06~1.25A
0.05~1A
0.18~3.75A
0.15~3A
0.06~1.25A
0.05~1A
12.37W
15W
15W
15W
12.37W
15W
15W
15W
100mVp-p
for3.3Vonly75mVp-p(25%~100%load)
(25%~100%load)
2.0%
1.0%at10%~100%load
1.0%at10%~100%load
73%
5.8~6.93V
5.61~6.93V
77%
5.8~7.5V
5.5~7.5V
81%
13.8~18V
13.8~18V
81%
17.25~22.5V
17.25~22.5V
77%
81%
84%
85%
9.4~36VDC
18~72VDC
48VDC
1.8A/12VDC
0.4A/48VDC
Above105% ratedoutputpower
Recoversautomaticallyafterfaultconditionisremoved
-25~+70
Logic"1"oropencircuit:ONLogic"0"orshorttoPIN2:OFF
0%~95%RHmax.
-40~+85
,0~95%RH
0.03%/
(0~50
1734Khrsmin.MIL-HDBK-217F(25
)
50.8*38.1*9.82mm(2"*1.5"*0.387")(L*W*H)
1. All parameters NOT specially mentioned are measured at 12, 48VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Short circuit no more than 60 seconds.
5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
6. Derating to 80% load is needed for NSD15-48S series at 18Vdc input voltage. Full output wattage can be acquired when the input voltage is higher than 20Vdc.
7. EMC filter suggestion:
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
FileName:NSD15-S-SPEC2011-03-09
15WDC-DCRegulatedSingleOutput
N S D 1 5 - S series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ISOLATIONVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1.5KVDC
I/P-O/P:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
PROTECTION
FUNCTION
RATEDDCINPUT
12VDC
+10%
5.0%
5.0%
3.0%
+10%
5.0%
5.0%
3.0%
SHORTCIRCUIT
Note.4
SHUTDOWNIDLECURRENT
20mA
Protectiontype:Overpowerlimiting,recoversautomaticallyafterfaultconditionisremoved
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022(CISPR22)ClassB
CompliancetoEN61000-4-2,3,4,6,8;EN55024,lightindustrylevel,criteria A
SAFETY &
EMC
(Note5)
UL60950-1approved,Designreferto TUVEN60950-1
0.03Kg;180pcs/6.4Kg/0.97CUFT
Wide 4:1 DC input range
Protections: Short circuit / Overload / Over voltage
1500VDC I/O isolation
Built-in EMI filter
Cooling by free air convection
Output voltage trimming function
Built-in remote ON-OFF control
100% full load burn-in test
Low cost
High reliability
2 years warranty
Features :
PSU
+
-
Vin
+
-
Vo
80uH
680uF
+
TRIMOUTPUT (Typ.)
CAPACITIVELOAD(max.)
3300uF


Similar Part No. - NSD15-48S15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD15-48S15 MEANWELL-NSD15-48S15 Datasheet
261Kb / 2P
   15W DC-DC Regulated Single Output
NSD15-48S15 MEANWELL-NSD15-48S15 Datasheet
261Kb / 2P
   15W DC-DC Regulated Single Output
More results

Similar Description - NSD15-48S15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD15-D MEANWELL-NSD15-D Datasheet
261Kb / 2P
   15W DC-DC Regulated Single Output
NSD15-S MEANWELL-NSD15-S Datasheet
261Kb / 2P
   15W DC-DC Regulated Single Output
SKM15 MEANWELL-SKM15 Datasheet
191Kb / 1P
   15W DC-DC Regulated Single Output Converter
SKE15 MEANWELL-SKE15 Datasheet
171Kb / 1P
   15W DC-DC Regulated Single Output Converter
SKA15 MEANWELL-SKA15 Datasheet
175Kb / 1P
   9.9~15W DC-DC Regulated Single Output Converter
SKA15 MEANWELL-SKA15_11 Datasheet
177Kb / 1P
   9.9~15W DC-DC Regulated Single Output Converter
NSD15-D MEANWELL-NSD15-D_11 Datasheet
234Kb / 2P
   15W DC-DC Regulated Dual Output
NSD15-D MEANWELL-NSD15-D Datasheet
231Kb / 2P
   15W DC-DC Regulated Dual Output
NSD15-D MEANWELL-NSD15-D_10 Datasheet
234Kb / 2P
   15W DC-DC Regulated Dual Output
DKE15 MEANWELL-DKE15 Datasheet
166Kb / 1P
   15W DC-DC Regulated Dual Output Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com