Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5400 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # 2N5400
Description  TO-92 PACKAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N5400 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  2N5400 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
2N5400
5400
3
K 816
2N
1
2
4
1998. 6. 23
1/1
MARKING SPECIFICATION
TO-92 PACKAGE
Revision No : 0
1. Marking method
Laser Marking
2. Marking
No.
Item
Marking
Description
Device Name
2N
Series Name
5400
Device Name
KEC
K
KEC CORP.
Lot No.
816
8
Year
0~9 : 2000~2009
16
Week
16 : 16th Week


Similar Part No. - 2N5400

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5400 MOTOROLA-2N5400 Datasheet
177Kb / 6P
   Amplifier Transistor(PNP Silicon)
logo
SeCoS Halbleitertechnol...
2N5400 SECOS-2N5400 Datasheet
381Kb / 2P
   PNP Plastic Encapsulated Transistor
logo
Samsung semiconductor
2N5400 SAMSUNG-2N5400 Datasheet
33Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5400 NJSEMI-2N5400 Datasheet
182Kb / 1P
   SERIES 2N TRANSISTORS
logo
Semtech Corporation
2N5400 SEMTECH-2N5400 Datasheet
124Kb / 2P
   PNP Silicon Expitaxial Planar Transistor for general purpose, high voltage amplifier applications???
More results

Similar Description - 2N5400

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N5551 KEC-2N5551_98 Datasheet
30Kb / 1P
   TO-92 PACKAGE
KN2222 KEC-KN2222_98 Datasheet
28Kb / 1P
   TO-92 PACKAGE
KN3904 KEC-KN3904_98 Datasheet
28Kb / 1P
   TO-92 PACKAGE
BC239 KEC-BC239_98 Datasheet
30Kb / 1P
   TO-92 PACKAGE
BF421 KEC-BF421_05 Datasheet
20Kb / 1P
   TO-92 PACKAGE
BC309 KEC-BC309_98 Datasheet
30Kb / 1P
   TO-92 PACKAGE
BC327 KEC-BC327_98 Datasheet
31Kb / 1P
   TO-92 PACKAGE
BC516 KEC-BC516 Datasheet
373Kb / 1P
   TO-92 PACKAGE
BC637 KEC-BC637_01 Datasheet
31Kb / 1P
   TO-92 PACKAGE
2N5401 KEC-2N5401_98 Datasheet
30Kb / 1P
   TO-92 PACKAGE
BC237 KEC-BC237_98 Datasheet
30Kb / 1P
   TO-92 PACKAGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com