Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSD10-48D12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # NSD10-48D12
Description  10W DC-DC Regulated Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NSD10-48D12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  NSD10-48D12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NSD10-48D12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
35.56[1.4]
50.8[2]
15.24[0.6]
6
5
1.02[0.04]
1
1.78[0.07]
4
3
Pin.No Assignment
1
4
2
3
5
6
+INPUT
-INPUT(GND)
+OUT
-OUT
CONTROL
COMMON
PinNo.
PinNo.
Assignment
Assignment
O.V.P.
CONTROL
I/P
-V
+V
COM
RECTIFIERS
&
FILTER
SWITCHING
POWER
FILTER
EMI
O.L.P.
DETECTION
CIRCUIT
PWM
TRL
C
CONTROL INPUT.....................................PIN6
CONTROL COMMON................................PIN2
LOGICCOMPATIBILITY......CMOSOROPENCOLLECTOR TTL
CONTROL VOLTAGE
ON............+5.5VDCmin.OROPENCIRCUIT
OFF......+2.5VDCmax.ORSHORT TOPIN2
+VIN
C
-VIN
+VOUT
COM
-VOUT
1
2
6
5
4
3
LOAD
LOAD
TRL
AMBIENTTEMPERATURE(
)
10
20
30
40
50
60
70
20
40
60
75
80
100
-25
0
(HORIZONTAL)
-10
10WDC-DCRegulatedDualOutput
N S D 1 0 - D series
ON/OFFControl
BlockDiagram
MechanicalSpecification
Unit:mm[inch]
FileName:NSD10-D-SPEC2010-10-18
DeratingCurve
fosc:350KHz


Similar Part No. - NSD10-48D12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD10-48D12 MEANWELL-NSD10-48D12 Datasheet
572Kb / 2P
   10W DC-DC Regulated Dual Output
NSD10-48D12 MEANWELL-NSD10-48D12 Datasheet
246Kb / 2P
   10W DC-DC Regulated Dual Output
More results

Similar Description - NSD10-48D12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NSD10-D MEANWELL-NSD10-D Datasheet
572Kb / 2P
   10W DC-DC Regulated Dual Output
NSD10-D MEANWELL-NSD10-D_11 Datasheet
246Kb / 2P
   10W DC-DC Regulated Dual Output
DKE10 MEANWELL-DKE10 Datasheet
184Kb / 1P
   10W DC-DC Regulated Dual Output Converter
NSD10-S MEANWELL-NSD10-S_10 Datasheet
212Kb / 2P
   10W DC-DC Regulated Single Output
NSD10-S MEANWELL-NSD10-S_11 Datasheet
212Kb / 2P
   10W DC-DC Regulated Single Output
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
   10W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U_10 Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE05002PDFA DELTA-S24SE05002PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com