Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NID30S24-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NID30S24-15
Description  12.5~30W DC-DC Non-isolated Single Output Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NID30S24-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NID30S24-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Economical open frame design
Wide input range
High efficiency up to 96%
Built-in remote ON / OFF control
Compact size 2.0" 0.512" 0.421"(SIP package)
Cooling by free air convection
Protections: Short circuit / Overload / Over voltage
100% burn-in test
Low cost / High reliability
2 years warranty
SPECIFICATION
NID30S24-05
NID30S24-12
NID30S24-15
NID30S48-24
ORDERNO.
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
SWITCHINGFREQUENCY (Typ.)
VOLTAGERANGE
EFFICIENCY (Typ.)
NORMAL VOLTAGE
DCCURRENT
INPUT
ENVIRONMENT
WORKINGTEMP.
OVERVOLTAGE
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
REMOTECONTROL
DIMENSION
OTHERS
NOTE
WEIGHT
PROTECTION
VOLTAGE ACCURACY
20~53VDC
100uF/25VlowESR
250KHz
2.0%
0.5%
0.5%
100mVp-p
120mVp-p
150mVp-p
200mVp-p
12.5W
30W
30W
30W
0~2.5A
0~2.5A
0~2A
0~1.25A
5V
12V
15V
24V
30~53VDC
48VDC
20~53VDC
24VDC(or48VDC)
20~53VDC
24VDC(or48VDC)
93%
700mA
50mA
96%
1320mA
30mA
95%
1310mA
30mA
-25~+65
(Refertooutputloadderatingcurve)
Protectiontype:Shutoffo/pvoltage,clampby TVSdiode
20%~85%RHnon-condensing
-25~+105
,10~85%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
Poweron:3.3VDC<R.C~com<12VDCoropencircuit;poweroff:R.C~com<0.4VDCorshortcircuit(PIN5,6&PIN11)
50.8*13*10.7mmor2.0"*0.512"*0.421"inch (L*W*H)
8g
1.All parameters are specified at normal input, rated load, 25
70% RH Ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100% rated load.
91%
24VDC(or48VDC)
Fullload 590mA
Noload
20mA
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
Features :
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
Note.3
LOADREGULATION
Note.4
OVERLOAD (Typ.)
SHORTCIRCUIT
120~300% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Alloutputequippedwithshortcircuit
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Ta(
)
-25
0
25
55 60 65
100
80
50
100
P i nN o .
O u t p u t
1 , 2 , 3 , 4
5 , 6
7 , 8
9 , 1 0
11
+ Vo u t
C o m
+ V i n
N . C .
R . C .
12.5~30WDC-DCNon-isolatedSingleOutputConverter
N I D 3 0 series
50.8[2]
1 2 3 4 5
6 7 8 9 1011
1.3[0.051]
0.64[0.025]
10.16[0.40]
25.4[1]
8[0.315]
10.7[0.421]max.
SIDE
VIEW
2.54[0.1]
5.6[0.22]
PROTECTION
Fuserecommended(3A)
EXTERNAL CAPACITANCE LOAD (max.)
FileName:NID30-SPEC2009-09-04
47uf/50VlowESR
68uf/16VlowESR


Similar Part No. - NID30S24-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NID30S24-15 MEANWELL-NID30S24-15 Datasheet
217Kb / 1P
   12.5~30W DC-DC Non-isolated Single Output Converter
More results

Similar Description - NID30S24-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NID30 MEANWELL-NID30_09 Datasheet
217Kb / 1P
   12.5~30W DC-DC Non-isolated Single Output Converter
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
   2A Non-Isolated DC/DC Converter Single Output
logo
Mean Well Enterprises C...
PSD-30 MEANWELL-PSD-30 Datasheet
355Kb / 2P
   30W Single Output DC-DC Converter
logo
MORNSUN Science& Techno...
VRB2403LD-30WR3 MORNSUN-VRB2403LD-30WR3 Datasheet
2Mb / 8P
   30W, Wide input, isolated & regulated single output DC/DC converter
logo
Delta Electronics, Inc.
S24SE3R307NDFA DELTA-S24SE3R307NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
logo
Mean Well Enterprises C...
NID60 MEANWELL-NID60 Datasheet
254Kb / 1P
   20 ~ 60W DC-DC Non-isolated Single Output Converter
logo
Delta Electronics, Inc.
S24SE05006NDFA DELTA-S24SE05006NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000_15 Datasheet
658Kb / 7P
   DC/DC CONVERTER 30W, Single & Dual Output
logo
Artesyn Technologies
LDO03C ARTESYN-LDO03C Datasheet
833Kb / 21P
   Single Output C Class Non-Isolated DC/DC Converter
logo
Mean Well Enterprises C...
SKM30 MEANWELL-SKM30_12 Datasheet
197Kb / 1P
   30W DC-DC Regulated Single Output Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com