Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2122TFG021 Datasheet(PDF) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2122TFG021
Description  LED Tipped Toggles
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2122TFG021 Datasheet(HTML) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2122TFG021 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2122TFG021 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2122TFG021 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2122TFG021 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2122TFG021 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2122TFG021 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2122TFG021 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. M2122TFG021 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. M2122TFG021 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Series M2100
LED Tipped Rockers & Paddles
www.nkk.com
B96
B
20°
(3.2)
.126
(2.8)
.110
(7.1)
.280
(13.7)
.539
(0.5)
.020
(5.9) R
.232
(4.5)
.177
TYPICAL PADDLE SWITCH DIMENSIONS
SolderLug•Snap-in
SinglePoleOnly
M2112JCFW01
Single color LED switch does not have terminal 5.
StraightPC•Bracket
SinglePoleOnly
M2112JCFW13
Silver contact material is standard. Single color LED switch does not have terminal 5.
LED CIRCUIT, PADDLE, & MOUNTING TYPE COMBINATIONS
Paddle with Isolated LED Circuit
P
Paddle with Synchronous LED Circuit
J
Snap-in combines with Terminal codes 01, 02, & 03
Bracket combines with Terminal code 13
Maximum
Panel
Thickness
.126” (3.2mm)
Material: Polyamide
Finish: Matte
Color: Black
Maximum Panel Thickness
.039” ~ .126” (1.0 ~ 3.2mm)
without Bezel
.039” ~ .098” (1.0 ~ 2.5mm)
with Bezel
(12.7)
.500
(12.4)
.490
(13.1)
.516
(15.9)
.626
(18.0)
.709
(2.0)
.079
(5.0)
.197
(11.5)
.453
(12.2)
.480
20°
(3.2)
.126
(2.8)
.110
(7.1)
.280
(13.7)
.539
(26.5)
1.043
(6.35)
.250
(4.8)
.189
(4.7) Typ
.185
(0.8) Typ
.031
(0.5)
.020
63
2
5
41
(13.0)
.512
(2.0) Typ
.079
(1.17) Typ
.046
(4.8)
.189
(12.7)
.500
(2.0)
.079
(5.0)
.197
(9.0)
.354
(11.5)
.453
(6.35)
.250
(4.5)
.177
(4.7) Typ
.185
(0.8) Typ
.031
(3.5)
.138
(20.2)
.795
(15.8)
.622
(0.5) Typ
.020
20°
(3.2)
.126
(20.1)
.791
63
2
5
41
(9.0)
.354
(3.2) Typ
.126
(13.0)
.512
(1.17) Typ
.046
(1.17) Typ
.046
(4.8)
.189
(12.7)
.500
20°
(3.2)
.126
(3.5)
.138
(20.1)
.791
(5.9) R
.232
(4.5)
.177


Similar Part No. - M2122TFG021

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2122TFG02 NKK-M2122TFG02 Datasheet
708Kb / 7P
   General Specifications
More results

Similar Description - M2122TFG021

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW NKK-M2112LCW Datasheet
292Kb / 8P
   LED Tipped Actuators
logo
List of Unclassifed Man...
28731 ETC1-28731 Datasheet
22Kb / 2P
   Super cut, Tungsten carbide tipped, Tungsten carbide tipped, Diamond coated
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
TL22DCAW015C NKK-TL22DCAW015C Datasheet
139Kb / 5P
   Fully Illuminated Toggles
logo
List of Unclassifed Man...
M2013SS1W01 ETC2-M2013SS1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M-2011L ETC2-M-2011L Datasheet
1Mb / 12P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com