Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB216CWCSG01-5F-JS Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB216CWCSG01-5F-JS
Description  22mm Panel Seal Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB216CWCSG01-5F-JS Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB216CWCSG01-5F-JS Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCSG01-5F-JS Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCSG01-5F-JS Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCSG01-5F-JS Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCSG01-5F-JS Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCSG01-5F-JS Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCSG01-5F-JS Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB216CWCSG01-5F-JS Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Series YB2
22mm Panel Seal Pushbuttons
www.nkk.com
D114
D
General Specifications
Electrical Capacity (Resistive Load)
Power Level (silver):
3A @ 125V AC or 3A @ 250V AC or 3A @ 30V DC
Logic Level (gold):
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Other Ratings
Contact Resistance:
50 milliohms maximum for silver; 100 milliohms maximum for gold
Insulation Resistance:
200 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
1,000,000 operations minimum for momentary circuit
200,000 operations minimum for maintained circuit
Electrical Life:
100,000 operations minimum
Nominal Operating Force:
Single pole: 1.5N
Double pole: 3.0N
Contact Timing:
Nonshorting (break-before-make)
Travel:
Pretravel .059” (1.5mm); Overtravel .059” (1.5mm); Total Travel .118” (3.0mm)
Materials & Finishes
Bezel:
Black: Glass fiber reinforced polyamide (UL94V-0); Silver: Polycarbonate
Housing:
Glass fiber reinforced polyamide (UL94V-0)
Base:
Diallyl phthalate resin (UL94V-0)
Movable Contactor:
Phosphor bronze with silver or gold plating
Movable Contacts:
Phosphor bronze & silver alloy
Stationary Contacts:
Silver alloy or copper with gold plating
Switch Terminals:
Phosphor bronze with tin plating
Lamp Terminals:
Phosphor bronze with tin plating
Environmental Data
Operating Temperature Range:
–25°C through +50°C (–13°F through +122°F) for Illuminated
–25°C through +70°C (–13°F through +158°F) for Nonilluminated
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Sealing:
IP65 of IEC60529 standard
Installation
Mounting Torque:
0.785Nm (6.95 lbin) maximum
Soldering Time & Temperature:
Manual Soldering: 390°C maximum for 4 seconds maximum
Standards & Certifications
Flammability Standards:
UL94V-0 housing, base & black or metallic silver bezel
UL:
File No. E44145
All solder lug models recognized at 3A @ 125/250V AC or 0.4VA @ 28V AC/DC maximum.
Add “/CUL” to end of part number to order cULus mark on switch.


Similar Part No. - YB216CWCSG01-5F-JS

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB216CWCKG01-05-CB NKK-YB216CWCKG01-05-CB Datasheet
731Kb / 13P
   General Specifications
YB216CWCKG01-05-EB NKK-YB216CWCKG01-05-EB Datasheet
731Kb / 13P
   General Specifications
YB216CWCKG01-05-FB NKK-YB216CWCKG01-05-FB Datasheet
731Kb / 13P
   General Specifications
YB216CWCKG01-05-JB NKK-YB216CWCKG01-05-JB Datasheet
731Kb / 13P
   General Specifications
YB216CWCKG01-05-JS NKK-YB216CWCKG01-05-JS Datasheet
731Kb / 13P
   General Specifications
More results

Similar Description - YB216CWCSG01-5F-JS

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB215CWCKW01-6B-JB NKK-YB215CWCKW01-6B-JB Datasheet
3Mb / 11P
   Panel Seal Pushbuttons
LB15WKW01-BJ NKK-LB15WKW01-BJ Datasheet
237Kb / 6P
   Standard Size Panel Seal Pushbuttons
logo
IDEC Corporation
TW IDEC-TW Datasheet
3Mb / 41P
   TW Series — 22mm NEMA Style Pushbuttons
2019
logo
CamdenBoss Ltd.
CBPI22 CAMDENBOSS-CBPI22 Datasheet
362Kb / 1P
   22mm panel indicators
logo
Bourns Electronic Solut...
H385 BOURNS-H385 Datasheet
90Kb / 1P
   Panel Seal Assembly
H-385 BOURNS-H-385 Datasheet
27Kb / 1P
   Panel Seal Assembly
logo
Copal Electronics
CL-LB COPAL-CL-LB_16 Datasheet
906Kb / 2P
   PANEL SEAL ROCKER SWITCHES
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
R141.324.000 ETC1-R141.324.000 Datasheet
29Kb / 2P
   STRAIGHT BULKHEAD JACK PANEL SEAL
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com