Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP0115HG03LF-JD-S Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # NP0115HG03LF-JD-S
Description  Subminiature Smooth Actuation Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

NP0115HG03LF-JD-S Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  NP0115HG03LF-JD-S Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03LF-JD-S Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03LF-JD-S Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03LF-JD-S Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03LF-JD-S Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03LF-JD-S Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series NP01
Subminiature Smooth Actuation Pushbuttons
www.nkk.com
D74
D
H
Contacts & Terminals
G03
Gold Contacts and
PC Terminals, Rated
0.4VA @ 28V AC/DC
Packaging
No
Code
Partitioned Tray,
Any Quantity
(With or without
caps installed)
S
Stick-Tube
50 Pieces/Stick
(For switch body
only; caps pack-
aged separately)
F
NP01
High (2.5N)
Operating Force
SPST
OFF-Momentary ON Circuit
Normally Open Contacts
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
NP0115HG03LF-JF
Green LED
Clear Lens with Green Diffuser
Gold Contacts with 0.4VA Rating
Straight PC Terminals
LEDs
Cap Types & Colors
JF
G03
15
Cap with
Alternating Legends
Green
Red
J01
ON
OFF
J02
START
STOP
J04
OPEN
CLOSE
Single or Bicolor LED
C
Red
D
Amber
F
Green
CF
Bicolor Red/Green
Nonilluminated
N
No LED
Solid Color Cap
A
Black
B
White
C
Red
H
Gray
Cap Lens/Diffuser Colors
JB Clear/White
(Combine with any LED)
JC Clear/Red
JD Clear/Amber
JF Clear/Green
Bicolor LED
CF
Red/Green
L
Illumination
L
Illuminated
N
Nonilluminated
Pole & Circuit
15
SPST
OFF (ON)
( ) = Momentary
Normally Open Contacts
Operating Force
A
Standard (1.5N)
(Black Switch Body)
H
High (2.5N)
(Gray Switch Body)
TYPICAL SWITCH ORDERING EXAMPLE


Similar Part No. - NP0115HG03LF-JD-S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115HG03LF-JD-S NKK-NP0115HG03LF-JD-S Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
More results

Similar Description - NP0115HG03LF-JD-S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
logo
Pepperl+Fuchs Inc.
41FY2 PF-41FY2 Datasheet
411Kb / 2P
   Magnetic Actuation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com