Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB215CWCSG01-5F-JS Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB215CWCSG01-5F-JS
Description  22mm Panel Seal Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB215CWCSG01-5F-JS Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB215CWCSG01-5F-JS Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCSG01-5F-JS Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCSG01-5F-JS Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCSG01-5F-JS Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCSG01-5F-JS Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCSG01-5F-JS Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCSG01-5F-JS Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB215CWCSG01-5F-JS Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Series YB2
22mm Panel Seal Pushbuttons
www.nkk.com
D119
D
BRIGHT & SUPER BRIGHT LEDS
AT634
5-volt,
2-element
with Resistor
AT634
12-volt,
4-element
with Resistor
Electrical Specifications for Bright Green LED with Resistor
Unit
Forward Peak Current
I
FM
mA
Continuous Forward Current
I
F
11
9.5
8.7
mA
Forward Voltage
V
F
5
12
24
V
Reverse Peak Voltage
V
RM
5
5
5
V
Current Reduction Rate Above 25°C
∆I
F
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
Colors
Available:
5F Green
The electrical specifications shown are determined at a basic temperature of 25°C. LED circuit is isolated and
requires an external power source. If the source voltage exceeds the rated voltage, a ballast resistor is required.
Base of AT634 and AT636 is Black for 5V, Light Blue for 12V and Gray for 24V.
Bright
AT636
Bright
AT634
T-114 Bi-pin
T-114 Bi-pin
(-)
(+)
(+)
(-)
(+)
(-)
AT634
24-volt,
4-element
with Resistor
Electrical Specifications for Bright Red & Amber LED with Resistor
Unit
Forward Peak Current
I
FM
mA
Continuous Forward Current
I
F
25
20
10
mA
Forward Voltage
V
F
5
12
24
V
Reverse Peak Voltage
V
RM
4
8
16
V
Current Reduction Rate Above 25°C
∆I
F
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
Colors
Available:
5C
5D
Red
Amber
05
12
24
05
12
24
Electrical Specifications for Bright LED without Resistor
Unit
LED Colors
Red
Amber
Forward Peak Current
I
FM
40
40
mA
Continuous Forward Current
I
F
26
26
mA
Forward Voltage
V
F
1.9
2.0
V
Reverse Peak Voltage
V
RM
4
4
V
Current Reduction Rate Above 25°C
∆I
F
0.50
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
No Code
Colors
Available:
5C
5D
Red
Amber
(+)
(-)
Bright
AT628
T-1 Bi-pin
No Resistor
Electrical Specifications for Super Bright LED
Forward Peak Current
I
FM
30
30
30
mA
Continuous Forward Current
I
F
20
20
20
mA
Forward Voltage
V
F
3.6
3.5
3.6
V
Reverse Peak Voltage
V
RM
5
5
5
V
Current Reduction Rate Above 25°C
∆I
F
0.50
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
Colors:
Super Bright
AT625G Blue
AT631B White
AT632F Green
T-1 Bi-pin
6B
6F
6G
Unit
White
Green
Blue
(+)
(-)
(-)
(+)
(-)
(+)
5V
12V & 24V
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES


Similar Part No. - YB215CWCSG01-5F-JS

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB215CWCKG01-05-CB NKK-YB215CWCKG01-05-CB Datasheet
731Kb / 13P
   General Specifications
YB215CWCKG01-05-EB NKK-YB215CWCKG01-05-EB Datasheet
731Kb / 13P
   General Specifications
YB215CWCKG01-05-FB NKK-YB215CWCKG01-05-FB Datasheet
731Kb / 13P
   General Specifications
YB215CWCKG01-05-JB NKK-YB215CWCKG01-05-JB Datasheet
731Kb / 13P
   General Specifications
YB215CWCKG01-05-JS NKK-YB215CWCKG01-05-JS Datasheet
731Kb / 13P
   General Specifications
More results

Similar Description - YB215CWCSG01-5F-JS

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB215CWCKW01-6B-JB NKK-YB215CWCKW01-6B-JB Datasheet
3Mb / 11P
   Panel Seal Pushbuttons
LB15WKW01-BJ NKK-LB15WKW01-BJ Datasheet
237Kb / 6P
   Standard Size Panel Seal Pushbuttons
logo
IDEC Corporation
TW IDEC-TW Datasheet
3Mb / 41P
   TW Series — 22mm NEMA Style Pushbuttons
2019
logo
CamdenBoss Ltd.
CBPI22 CAMDENBOSS-CBPI22 Datasheet
362Kb / 1P
   22mm panel indicators
logo
Bourns Electronic Solut...
H385 BOURNS-H385 Datasheet
90Kb / 1P
   Panel Seal Assembly
H-385 BOURNS-H-385 Datasheet
27Kb / 1P
   Panel Seal Assembly
logo
Copal Electronics
CL-LB COPAL-CL-LB_16 Datasheet
906Kb / 2P
   PANEL SEAL ROCKER SWITCHES
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
R141.324.000 ETC1-R141.324.000 Datasheet
29Kb / 2P
   STRAIGHT BULKHEAD JACK PANEL SEAL
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com