Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMI07N50E Datasheet(PDF) 3 Page - Fuji Electric

Part # FMI07N50E
Description  N-CHANNEL SILICON POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FMI07N50E Datasheet(HTML) 3 Page - Fuji Electric

  FMI07N50E Datasheet HTML 1Page - Fuji Electric FMI07N50E Datasheet HTML 2Page - Fuji Electric FMI07N50E Datasheet HTML 3Page - Fuji Electric FMI07N50E Datasheet HTML 4Page - Fuji Electric FMI07N50E Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
33
FUJI POWER MOSFET
FMI07N50E
10
-1
10
0
10
1
10
0
10
1
10
2
10
3
Typical Switching Characteristics vs. ID
t=f(ID):Vcc=300V,VGS=10V,RG=22 Ω
td(on)
tr
tf
td(off)
ID [A]
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0.01
0.1
1
10
100
VSD [V]
Typical Forward Characteristics of Reverse Diode
IF=f(VSD):80 µs pulse test,Tch=25 °C
10
-2
10
-1
10
0
10
1
10
2
10
0
10
1
10
2
10
3
10
4
VDS [V]
Typical Capacitance
C=f(VDS):VGS=0V,f=1MHz
Crss
Coss
Ciss
0
10
20
30
40
50
60
70
0
2
4
6
8
10
12
14
16
18
20
Qg [nC]
Typical Gate Charge Characteristics
VGS=f(Qg):ID=6.5A,Tch=25 °C
480V
300V
Vcc= 120V
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Tch [
typ.
max.
Drain-Source On-state Resistance
RDS(on)=f(Tch):ID=3.3A,VGS=10V
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
typ.
max.
min.
Gate Threshold Voltage vs. Tch
VGS(th)=f(Tch):VDS=VGS,ID=250µA
Tch [°C]
°
C]


Similar Part No. - FMI07N50E

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FMI03N60E FUJI-FMI03N60E Datasheet
578Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
FMI05N50E FUJI-FMI05N50E Datasheet
484Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
FMI05N60E FUJI-FMI05N60E Datasheet
575Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
FMI06N60ES FUJI-FMI06N60ES Datasheet
547Kb / 5P
   N-CHANNEL SILICON POWER MOSFET
More results

Similar Description - FMI07N50E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com