Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ1585CM-3.3 Datasheet(PDF) 1 Page - Semtech Corporation

Part # EZ1585CM-3.3
Description  4.6 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1585CM-3.3 Datasheet(HTML) 1 Page - Semtech Corporation

  EZ1585CM-3.3 Datasheet HTML 1Page - Semtech Corporation EZ1585CM-3.3 Datasheet HTML 2Page - Semtech Corporation EZ1585CM-3.3 Datasheet HTML 3Page - Semtech Corporation EZ1585CM-3.3 Datasheet HTML 4Page - Semtech Corporation EZ1585CM-3.3 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
4.6 AMP LOW DROPOUT
POSITIVE VOLTAGE REGULATORS
EZ1585
November 22, 1999
1
FEATURES
Low dropout performance,
1.3V max. for EZ1585
Full current rating over line and temperature
Fast transient response
±2% total output regulation over line, load
and temperature
Adjust pin current max 90µA over temperature
Fixed/adjustable output voltage
Line regulation typically 0.015%
Load regulation typically 0.05%
TO-220 or TO-263 packages
DESCRIPTION
The EZ1585 series of high performance positive
voltage regulators are designed for use in applications
requiring low dropout performance at full rated
current. Additionally, the EZ1585 series provides
excellent regulation over variations in line, load and
temperature.
Outstanding features include low dropout
performance at rated current, fast transient response,
internal current limiting and thermal shutdown
protection of the output device. The EZ1585 series
are three terminal regulators with fixed and adjustable
voltage options available in popular packages.
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
APPLICATIONS
Pentium® Processor supplies
PowerPC™ supplies
Other 2.5V to 3.6V microprocessor supplies
Low voltage logic supplies
Battery-powered circuitry
Post regulator for switching supply
PIN CONFIGURATIONS
Pentium Processor is a trademark of Intel Corp. PowerPC is a trademark of IBM Corp.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Input Supply Voltage
V
IN
7V
Power Dissipation
P
D
Internally
Limited
W
Thermal Resistance
Junction to Case
TO-220
TO-263
θ
JC
2.5
2.5
°C/W
Thermal Resistance
Junction to Ambient
TO-220
TO-263
θ
JA
50
60
°C/W
Operating Junction
Temperature Range
T
J
0 to 125
°C
Storage Temperature
Range
T
STG
-65 to 150
°C
Lead Temperature
(Soldering) 10 Sec
T
LEAD
260
°C
ORDERING INFORMATION
Notes:
(1) Where X.X denotes voltage options. Available
voltages are: 1.5V, 2.5V, 3.3V and 3.45V. Leave blank
for adjustable version (1.3 to 5.7V). Contact factory for
additional voltage options.
(2) Add suffix ‘TR’ for tape and reel (TO-263).
DEVICE
PACKAGE
V
OUT VOLTS
EZ1585CM-X.X
TO-263
(2)
See Note (1)
EZ1585CT-X.X
TO-220
See Note (1)
BLOCK DIAGRAM


Similar Part No. - EZ1585CM-3.3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1585CM-1.3.TR SEMTECH-EZ1585CM-1.3.TR Datasheet
156Kb / 6P
   4.6 Amp Positive Voltage Regulator
EZ1585CM-1.3TRT SEMTECH-EZ1585CM-1.3TRT Datasheet
156Kb / 6P
   4.6 Amp Positive Voltage Regulator
EZ1585CM-5.7.TR SEMTECH-EZ1585CM-5.7.TR Datasheet
156Kb / 6P
   4.6 Amp Positive Voltage Regulator
EZ1585CM-5.7TRT SEMTECH-EZ1585CM-5.7TRT Datasheet
156Kb / 6P
   4.6 Amp Positive Voltage Regulator
EZ1585CM-X.X.TR SEMTECH-EZ1585CM-X.X.TR Datasheet
156Kb / 6P
   4.6 Amp Positive Voltage Regulator
More results

Similar Description - EZ1585CM-3.3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1587 SEMTECH-EZ1587 Datasheet
86Kb / 5P
   3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1584C SEMTECH-EZ1584C Datasheet
89Kb / 5P
   7.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Semtech Corporation
EZ1585B SEMTECH-EZ1585B Datasheet
69Kb / 4P
   5.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1588 SEMTECH-EZ1588 Datasheet
97Kb / 4P
   2.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1584 SEMTECH-EZ1584 Datasheet
63Kb / 4P
   7.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1584C SEMTECH-EZ1584C_10 Datasheet
168Kb / 5P
   7.0 Amp Low Dropout Positive Voltage Regulators
EZ1585C SEMTECH-EZ1585C Datasheet
156Kb / 6P
   4.6 Amp Positive Voltage Regulator
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
   Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com