Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG28CUS23 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # PG28CUS23
Description  Low Voltage EPD TVS Diode for ESD Protection in Portable Electronics
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PG28CUS23 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PG28CUS23 Datasheet HTML 1Page - KEC(Korea Electronics) PG28CUS23 Datasheet HTML 2Page - KEC(Korea Electronics) PG28CUS23 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2006. 11. 8
1/3
SEMICONDUCTOR
TECHNICAL DATA
PG2.8CUS23
Low Voltage EPD TVS Diode for ESD
Protection in Portable Electronics
Revision No : 1
Protection in Portable Electronics Applications.
FEATURES
EPD(Enhanced Punch-Through Diode) Structure.
400 Watts peak pulse power (tp=8/20 s)
Transient protection for high-speed data lines to
IEC 61000-4-2(ESD) 15kV(Air), 8kV(Contact)
IEC 61000-4-4(EFT) 40A(tp=5/50ns)
IEC 61000-4-5(Lightning) 24A(tp=8/20 s)
One device protects one directional line.
Tow devices protect two high-speed line pairs.
Low capacitance.
Low leakage current.
Low operating and clamping voltage.
APPLICATIONS
Cellular Phone Handsets and Accessories.
Microprocessor based equipment.
Personal Digital Assistants (PDA’s)
Notebooks, desktops PC, & servers.
High-Speed data lines.
Laser Diode Protection.
LAN/WAN equipment.
10/100 Ethernet.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
1. STEERING DIODE
2. EPD (TVS)
3. COMMON CATHODE
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P
7
+
_
CHARACTERISTIC
SYMBOL
RATING
UNIT
Peak Pulse Power (tp=8/20 s)
PPK
400
W
Peak Pulse Current (tp=8/20 s)
IPP
24
A
Operating Temperature
Tj
-55 150
Storage Temperature
Tstg
-55 150
Type Name
Marking
Lot No.
3
21
2P8
21
3


Similar Part No. - PG28CUS23

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG200 PANJIT-PG200 Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
PG200 PANJIT-PG200 Datasheet
62Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG200 PANJIT-PG200 Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
List of Unclassifed Man...
PG2001 ETC1-PG2001 Datasheet
415Kb / 3P
   2 AMP / NPN-PNP Pirgo silicon planar power transistors
PG2002 ETC1-PG2002 Datasheet
415Kb / 3P
   2 AMP / NPN-PNP Pirgo silicon planar power transistors
More results

Similar Description - PG28CUS23

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05DBVSC KEC-PG05DBVSC Datasheet
31Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05BAUSM KEC-PG05BAUSM_08 Datasheet
90Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBTFC KEC-PG03DBTFC_07 Datasheet
437Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05DBEL2 KEC-PG05DBEL2 Datasheet
465Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05DBTFC KEC-PG05DBTFC Datasheet
31Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05FBESC KEC-PG05FBESC Datasheet
394Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05TAVSM KEC-PG05TAVSM Datasheet
55Kb / 3P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBVSC KEC-PG03DBVSC_07 Datasheet
437Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBTFC KEC-PG03DBTFC Datasheet
383Kb / 1P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBVSC KEC-PG03DBVSC Datasheet
21Kb / 1P
   TVS Diode for ESD Protection in Portable Electronics
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com