Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ1583 Datasheet(PDF) 3 Page - Semtech Corporation

Part # EZ1583
Description  DUAL INPUT LOW DROPOUT REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1583 Datasheet(HTML) 3 Page - Semtech Corporation

  EZ1583 Datasheet HTML 1Page - Semtech Corporation EZ1583 Datasheet HTML 2Page - Semtech Corporation EZ1583 Datasheet HTML 3Page - Semtech Corporation EZ1583 Datasheet HTML 4Page - Semtech Corporation EZ1583 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
DUAL INPUT
LOW DROPOUT REGULATOR
EZ1580/EZ1581
EZ1582/EZ1583
February 26, 1999
3
(1) Unless otherwise specified, V
OUT = VSENSE, VADJ = 0V.
(2) Required to maintain regulation. Voltage set resistors R1, R2 are usually utilized for minimum load current.
(3) Current used to drive the output section; minimum value equals the standby current of the device.
(4) V
C = VP = 3.75V Avg; VRIPPLE = 1VPK-PK.
(5) 30ms.
(6) Over Temp (O.T.) = over specified operating junction temperature range.
(7) Minimum input/output voltage required to maintain 1% regulation.
ELECTRICAL CHARACTERISTICS
Test Conditions
(1)
Test Limits
Parameter
Symbol
V
CNTL
Volts
V
PWR
Volts
Amps
T
J
(6)
Min
Typ
Max
Units
Reference Voltage
V
REF
2.75
2.00
0.01
25°C
1.243
1.250
1.257
EZ1583
EZ1582
EZ1581
EZ1580
2.7 - 12
2.05 - 5.5
0.01 - 1.5
0.01 - 3.0
0.01 - 5.0
0.01 - 7.0
O.T.
1.237
1.250
1.263
V
Line Regulation
REG
(LINE)
2.5 - 12
1.75 - 5.5
0.01
O.T.
1.0
3.0
mV
Load Regulation
EZ1583
EZ1582
EZ1581
EZ1580
REG
(LOAD)
2.75
2.1
0.01 - 1.5
0.01 - 3.0
0.01 - 5.0
0.01 - 7.0
O.T.
1.0
5.0
mV
Minimum Load Current
(2)
I
O
53.3
O.T.
5.0
10
mA
Control Pin Current
(3)
EZ1583
EZ1582
EZ1581
EZ1580
I
C
2.75
2.05
1.5
3.0
5.0
7.0
O.T.
6.0
30
33
60
120
mA
Adjust Pin Current
I
ADJ
2.75
2.05
0.01
O.T.
50
120
µA
Current Limit
EZ1583
EZ1582
EZ1581
EZ1580
I
CL
2.75
2.05
O.T.
1.6
3.1
5.1
7.1
A
Ripple Rejection
(4)
EZ1583
EZ1582
EZ1581
EZ1580
R
A
3.75
3.75
0.75
1.5
2.5
3.5
25°C
60
80
dB
Thermal Regulation
(5)
REG
(THERMAL)
0.002
0.02
%/W
Dropout Voltage
(7)
Minimum V
CNTL
EZ1583
EZ1582
EZ1581
EZ1580
V
C-VO
2.05
1.5
3.0
5.0
7.0
O.T.
1.00
1.05
1.10
1.15
1.15
1.18
1.25
1.30
V
Dropout Voltage
(7)
Minimum V
POWER
EZ1583
1.5
25°C
O.T.
0.40
0.50
0.50
0.60
EZ1582
V
P-VO
2.75
3.0
25°C
O.T.
0.40
0.50
0.50
0.60
V
EZ1581
5.0
25°C
O.T.
0.40
0.50
0.50
0.60
EZ1580
7.0
25°C
O.T.
0.54
0.70
0.62
0.80
NOTES


Similar Part No. - EZ1583

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1583 SEMTECH-EZ1583 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
EZ1583 SEMTECH-EZ1583 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
EZ1583 SEMTECH-EZ1583 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1583CM-1.3.TR SEMTECH-EZ1583CM-1.3.TR Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
EZ1583CM-5.7.TR SEMTECH-EZ1583CM-5.7.TR Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
More results

Similar Description - EZ1583

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
   DUAL INPUT LOW DROPOUT REGULATOR
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
   Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
   3A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com