Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9306GF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9306GF
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306GF Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9306GF Datasheet HTML 1Page - NXP Semiconductors PCA9306GF Datasheet HTML 2Page - NXP Semiconductors PCA9306GF Datasheet HTML 3Page - NXP Semiconductors PCA9306GF Datasheet HTML 4Page - NXP Semiconductors PCA9306GF Datasheet HTML 5Page - NXP Semiconductors PCA9306GF Datasheet HTML 6Page - NXP Semiconductors PCA9306GF Datasheet HTML 7Page - NXP Semiconductors PCA9306GF Datasheet HTML 8Page - NXP Semiconductors PCA9306GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
PCA9306
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 — 25 November 2010
5 of 26
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
5.2 Pin description
Fig 8.
Pin configuration for XSON8U
(GD1)
Fig 9.
Pin configuration for XSON8
002aae014
Transparent top view
8
7
6
5
1
2
3
4
GND
VREF1
SCL1
SDA1
EN
VREF2
SCL2
SDA2
PCA9306GD1
002aaf393
4
3
2
1
5
6
7
8
PCA9306GF
Transparent top view
VREF1
GND
SCL1
VREF2
EN
SCL2
SDA1
SDA2
Table 2.
Pin description
Symbol
Pin
Description
SO8,
TSSOP8 (MSOP8),
TSSOP8,
VSSOP8 (DC1),
XQFN8, XSON8,
XSON8U (GD1)
VSSOP8 (DC)
GND
1
4
ground (0 V)
VREF1
2
1
low-voltage side reference supply voltage for
SCL1 and SDA1
SCL1
3
2
serial clock, low-voltage side; connect to
VREF1 through a pull-up resistor
SDA1
4
3
serial data, low-voltage side; connect to VREF1
through a pull-up resistor
SDA2
5
5
serial data, high-voltage side; connect to
VREF2 through a pull-up resistor
SCL2
6
6
serial clock, high-voltage side; connect to
VREF2 through a pull-up resistor
VREF2
7
7
high-voltage side reference supply voltage for
SCL2 and SDA2
EN
8
8
switch enable input; connect to VREF2 and
pull-up through a high resistor


Similar Part No. - PCA9306GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9306GF NXP-PCA9306GF Datasheet
232Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 05-19 March 2010
PCA9306GF NXP-PCA9306GF Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306GF NXP-PCA9306GF Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
PCA9306GF NXP-PCA9306GF Datasheet
624Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.4 - 5 July 2023
PCA9306GF NXP-PCA9306GF Datasheet
641Kb / 39P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.5 - 31 August 2023
More results

Similar Description - PCA9306GF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com