Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9621PW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9621PW
Description  65 mA 8-bit 2-wire bus output port
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9621PW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9621PW Datasheet HTML 5Page - NXP Semiconductors PCA9621PW Datasheet HTML 6Page - NXP Semiconductors PCA9621PW Datasheet HTML 7Page - NXP Semiconductors PCA9621PW Datasheet HTML 8Page - NXP Semiconductors PCA9621PW Datasheet HTML 9Page - NXP Semiconductors PCA9621PW Datasheet HTML 10Page - NXP Semiconductors PCA9621PW Datasheet HTML 11Page - NXP Semiconductors PCA9621PW Datasheet HTML 12Page - NXP Semiconductors PCA9621PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PCA9621
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 9 March 2011
9 of 18
NXP Semiconductors
PCA9621
65 mA 8-bit 2-wire bus output port
11. Application information
Figure 11 shows the PCA9621 in conjunction with the PCA9646 bus multiplexer in a LED
drive application. Each PCA9621 can drive 8 LEDs, and using the address pins on the IC,
up to 8 uniquely addressed devices can sit on one bus branch. The PCA9646 has four
such outputs, giving 256 LEDs in the structure shown.
By additionally using the address pins on the PCA9646, the entire structure may be
repeated 8 times, allowing 2048 LEDs to be uniquely driven. By additionally placing
PCA9646’s in series (refer to the PCA9646 data sheet), the structure may be further
extensively multiplied into a huge array.
Fig 11. PCA9621 in a large LED array
002aaf397
BUS MASTER
U2
VDD
SCL
SDA
R8
SC0
SD0
SCL
SDA
PCA9646
VDD
SC0
SD0
U1
RESET
5 V
PCA9621
U3
U10
R7
R1
R2
SC2
SD2
SC2
SD2
R3
R4
SC3
SD3
SC3
SD3
R5
R6
buses SC2/SD2, SC3/SD3
as shown for
SC0/SD0, SC1/SD1
Entire structure can be repeated
8 times using PCA9646 address pins
(further expansion possible).
A0
A1
A2
VSS
R10
SC1
SD1
SC1
SD1
PCA9621
U11
U18
R9
8
P[7:0]
8 LEDs
8
P[7:0]
8 LEDs
8
× PCA9621
each with
8 LEDs = 64 LEDs
PCA9621
8
P[7:0]
8 LEDs
PCA9621
8
P[7:0]
8 LEDs
8
× PCA9621
each with
8 LEDs = 64 LEDs


Similar Part No. - PCA9621PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9621 NXP-PCA9621 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9621PW

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B3245A POTATO-PO3B3245A Datasheet
544Kb / 6P
   8-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C3245 PERICOM-PI5C3245_10 Datasheet
696Kb / 5P
   8-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B3245A POTATO-PO3B3245A_14 Datasheet
1Mb / 5P
   8-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C3245 PERICOM-PI5C3245 Datasheet
159Kb / 3P
   8-Bit, 2-Port Bus Switch
PI5C3245QE PERICOM-PI5C3245QE Datasheet
352Kb / 5P
   8-Bit, 2-Port Bus Switch
PI3VT3245-A PERICOM-PI3VT3245-A Datasheet
669Kb / 5P
   8-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Potato Semiconductor Co...
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
   8-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI3VT3245 PERICOM-PI3VT3245 Datasheet
311Kb / 5P
   8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
logo
Intel Corporation
M8212 INTEL-M8212 Datasheet
153Kb / 5P
   8-BIT INPUT/OUTPUT PORT
logo
Potato Semiconductor Co...
PO3VT3245A POTATO-PO3VT3245A_14 Datasheet
992Kb / 5P
   Translator Bus SwitchHot Insertion 8-Bit, 2-Port, Low Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com