Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2112LCG01 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2112LCG01
Description  LED Tipped Toggles
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2112LCG01 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2112LCG01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCG01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCG01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCG01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCG01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCG01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCG01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCG01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2112LCG01 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Series M2100
LED Tipped Toggles
www.nkk.com
A80
A
LED CIRCUIT, TOGGLE, & MOUNTING TYPE COMBINATIONS
Toggle with Isolated LED Circuit
L
Toggle with Synchronous LED Circuit
T
M2112TCFW01
Single color LED switch does not have terminal 5.
Solder Lug
Single Pole
Threaded Bushing
combines with Terminal
codes 01, 02, & 03.
Smooth Bushing
combines with
Terminal code 30.
Max. Panel
Thickness without
Locking Ring
.134” (3.4mm)
TYPICAL SWITCH DIMENSIONS
Solder Lug
Double Pole
Right Angle PC
Single Pole Only
M2122TCFW01
Single color LED switch does not have terminal 8.
M2112TCFG30
Single color LED switch does not have terminal 5.
Gold contact material only
Finish: Brushed aluminum
Standard Hardware: 2 AT513H Hex
Nuts, 1 AT507H Locking Ring, 1 AT509
Lockwasher Standard & optional
hardware details in Accessories &
Hardware section.
Max. Panel
Thickness with
Standard Hardware
.102” (2.6mm)
(6.5) Dia
.256
(5.6)
.220
(0.6)
.024
(6.5) Dia
.256
(6.5)
.256
(2.2) Dia
.087
(12.7)
.500
Keyway
(2.5) Dia
.098
(5.0) Dia
.197
20°
1/4-40 Thd
(4.8)
.189
(0.8) Typ
.031
(4.7) Typ
.185
(6.35)
.250
(0.9)
.035
(8.0)
.315
(20.3)
.799
(14.7)
.579
(13.0)
.512
63
2
1
5
4
(1.17) Typ
.046
(2.0) Typ
.079
(4.8)
.189
Keyway
(2.5) Dia
.098
(5.0) Dia
.197
(17.5)
.689
(6.35)
.250
20°
1/4-40 Thd
(4.8)
.189
(0.8) Typ
.031
(4.7) Typ
.185
(6.35)
.250
(0.9)
.035
(8.0)
.315
(20.3)
.799
(14.7)
.579
(13.0)
.512
96
3
2
1
5
4
8
7
(1.17) Typ
.046
(2.0) Typ
.079
(4.8) Typ
.189
Keyway
(2.5) Dia
.098
(5.0) Dia
.197
(2.9)
.114
(1.4)
.055
(5.1)
.201
(13.0)
.512
(6.2) Dia
.244
(14.7)
.579
(16.4)
.646
(3.81)
.150
(7.6)
.299
(1.27) Typ
.050
(0.4)
.016
(1.1)
.043
(0.8) Typ
.031
(4.7) Typ
.185
(4.3)
.169
(12.7)
.500
12
3
45
6
(6.2) Dia
.244
(14.7)
.579
(5.0) Dia
.197
20°
1/4-40 Thd
(14.7)
.579
(5.0) Dia
.197
20°


Similar Part No. - M2112LCG01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCG01 NKK-M2112LCG01 Datasheet
708Kb / 7P
   General Specifications
More results

Similar Description - M2112LCG01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW NKK-M2112LCW Datasheet
292Kb / 8P
   LED Tipped Actuators
logo
List of Unclassifed Man...
28731 ETC1-28731 Datasheet
22Kb / 2P
   Super cut, Tungsten carbide tipped, Tungsten carbide tipped, Diamond coated
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
TL22DCAW015C NKK-TL22DCAW015C Datasheet
139Kb / 5P
   Fully Illuminated Toggles
logo
List of Unclassifed Man...
M2013SS1W01 ETC2-M2013SS1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M-2011L ETC2-M-2011L Datasheet
1Mb / 12P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com