Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP0125CCKW01A Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LP0125CCKW01A
Description  Short Body Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LP0125CCKW01A Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  LP0125CCKW01A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LP0125CCKW01A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series LP01
Short Body Pushbuttons
www.nkk.com
D68
D
TYPICAL SWITCH ORDERING EXAMPLE
LP01
White Cap
SPDT
ON-(ON) Circuit
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
LP0115CCKW015CB
5C
Red LED
C
B
Black Housing
Bushing Mount
Silver Contacts
Rated 3A @ 125/250V AC;
Solder Lug/Quick Connect Terminals
Cap Color
B
White
K
LEDs
5C
Red
5D
Amber
5F
Green
C
5
1
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Power/Lamp Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal markings “COM, NO, NC, L,
+ and – ” are actually on the switch;
terminal numbers are not on the switch.
SP
LP0115
ON
(ON)
1-3
1-2
SPDT
DP
LP0125
ON
(ON)
1-3
4-6
1-2
4-5
DPDT
POLES & CIRCUIT
1
32
(COM)
4
6
1
32
5
(COM)
L (+)
(-) L
L (+)
(-) L
W01
Mounting Types
C
Bushing
M
Snap-in
IMPORTANT:
Switches are supplied without UL
& cULus markings unless specified.
Specific models & ratings noted
on General Specifications page.
Nonilluminated
No
Code Nonilluminated
Nonilluminated Cap Colors
A
Black
C
Red
F
Green
Poles
1
SPDT
2
DPDT
Contacts & Terminals
W01
Silver Rated
3A @ 125V AC/250V AC
Solder Lug/
Quick Connect Terminals*
Circuit
5
ON
(ON)
( ) = Momentary
Housing
K
Black
* Wire harness & cable
assemblies offered
only in Americas


Similar Part No. - LP0125CCKW01A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LP0125CCKW01A NKK-LP0125CCKW01A Datasheet
197Kb / 6P
   Short Body Pushbuttons
LP0125CCKW01A NKK-LP0125CCKW01A Datasheet
325Kb / 6P
   General Specifications
More results

Similar Description - LP0125CCKW01A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB15SKW01 NKK-YB15SKW01 Datasheet
294Kb / 8P
   Short Body Pushbuttons
logo
GREATECS
YB15SKW01-12-CB GREATECS-YB15SKW01-12-CB Datasheet
342Kb / 9P
   Short Body Pushbuttons
logo
Nihon Kaiheiki Industry...
LP0115CCKW01A NKK-LP0115CCKW01A Datasheet
197Kb / 6P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
206Kb / 6P
   Short Body Pushbuttons
YB15SKW01-05-JB NKK-YB15SKW01-05-JB Datasheet
366Kb / 12P
   Short Body Pushbuttons
YB15CKW01-6F-JB NKK-YB15CKW01-6F-JB Datasheet
754Kb / 12P
   Short Body Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com