Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB215SKG03CE-JB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # HB215SKG03CE-JB
Description  Subminiature Audio/Video Pushbuttons
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

HB215SKG03CE-JB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  HB215SKG03CE-JB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. HB215SKG03CE-JB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. HB215SKG03CE-JB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. HB215SKG03CE-JB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series HB2
Subminiature Audio/Video Pushbuttons
www.nkk.com
D20
D
Shape
S
Square
Pole
1
SPST
TYPICAL SWITCH ORDERING EXAMPLE
HB2
Circuit
5
OFF (ON)
( ) = Momentary
Contacts & Terminals
G03
Gold Contacts and
PC Terminals, Rated
0.4VA @ 28V AC/DC
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
HB215SKG03CF-JB
Housing
K
Black
Gold Contacts & PC Terminals with
0.4VA @ 28V AC/DC Rating
Black Housing
Clear Lens
with White Diffuser
Red/Green LED
SPST
OFF–(ON) Circuit
Square Shape
LEDs
CE
Red/Yellow
CF
Red/Green
Amber can be achieved
by simultaneous
illumination of LEDs.
Cap Colors
JB
Clear Lens/
White Diffuser
G03
5
1
S
K
CF
JB
CONTACT MATERIALS, RATINGS & TERMINALS
.307” (7.8mm) Square Body
Black Housing
Gold Contacts Logic Level 0.4VA maximum @ 28V AC/DC maximum
HOUSING SHAPE & COLOR
Switch Terminal
Lamp Terminal
(0.5) Sq
.020
(0.4)
.016
(3.5)
.138
(0.5) Sq
.020
(0.4)
.016
(3.5)
.138
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch/Lamp Schematics
Pole
Model
Normal
Down
Normal
Down
Notes:
Switch terminals are not marked on the switch.
Red LED terminal is marked with “R”.
Lamp circuit is isolated and requires
external power source.
SP
HB215
OFF
(ON)
OPEN
1-2
SPST
POLE & CIRCUIT
12
3 (+)
4 (-)
5 (+)
Red
Yellow or Green
S
K
G03
PCB Footprint
(2.25) Typ
.089
(0.85) Dia Typ
.033
(1.0) Dia
.039
(0.5)
.020
(0.92)
.036
(2.54)
.100
(2.5) Typ
.098
(1.0) Dia
.039
CL
2
1
3
4
5
(5.0)
.197
(4.5)
.177


Similar Part No. - HB215SKG03CE-JB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HB215SKG03CE-JB NKK-HB215SKG03CE-JB Datasheet
643Kb / 5P
   Quiet Actuation Illuminated Pushbutton
logo
List of Unclassifed Man...
HB215SKG03CE-JB ETC2-HB215SKG03CE-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
More results

Similar Description - HB215SKG03CE-JB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG03CF-1FJB NKK-KP0115ACAKG03CF-1FJB Datasheet
320Kb / 9P
   Miniature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com