Electronic Components Datasheet Search |
|
JB15LPC-B Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
JB15LPC-B Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
4 / 6 page J Series JB Illuminated Low Profile Process Sealed Tactiles www.nkk.com J31 OPERATING FORCE H No Code Standard Nominal Operating Force 1.76N Available with short actuator only (code L) High Nominal Operating Force 2.65N Available with both short and extended actuators ACTUATORS L Short Actuator B Extended Actuator Custom keyboards can be designed with caps installed through a panel cutout (illustration with cap AT4060). Custom keyboards can be designed with caps installed through a panel cutout (illustration with cap AT4076). (12.7) Typ .500 (12.7) .500 (8.4) .331 (14.7) .579 (3.1) .122 High operating force only (3.0) .118 (3.1) .122 (11.2) .441 (4.9) .193 (12.7) .500 (12.7) Typ .500 (3.3) .130 (3.2) .126 TERMINALS Further details in Typical Switch Dimensions P Straight PC Terminals (0.8) Typ .031 (0.3) Typ .012 (3.1) Typ .122 (5.08) .200 CL (10.16) .400 (1.0) Dia Typ .039 (5.08) .200 (5.08) Typ .200 (2.54) Typ .100 31 + 2 4 LED COLORS & SPECIFICATIONS LEDs are supplied as an integral part of illuminated devices and are not available separately. LED polarity markings are on the bottom of the switch. The electrical specifications shown here are determined at a basic temperature of 25°C. If the source voltage exceeds the rated volt- age, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. Color Red Yellow Green Forward Peak Current I FM 25mA 25mA 25mA Continuous Forward Current I F 20mA 20mA 20mA Forward Voltage V F 2.0V 2.2V 2.1V Reverse Peak Voltage V RM 4V 4V 4V Current Reduction Rate Above 25°C ∆I F 0.42mA/°C Ambient Temperature Range –25°C ~ +70°C E F C |
Similar Part No. - JB15LPC-B_10 |
|
Similar Description - JB15LPC-B_10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |