Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ1082 Datasheet(PDF) 1 Page - Semtech Corporation

Part # EZ1082
Description  10.0 AMP POSITIVE VOLTAGE REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1082 Datasheet(HTML) 1 Page - Semtech Corporation

  EZ1082 Datasheet HTML 1Page - Semtech Corporation EZ1082 Datasheet HTML 2Page - Semtech Corporation EZ1082 Datasheet HTML 3Page - Semtech Corporation EZ1082 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1998 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
10.0 AMP POSITIVE
VOLTAGE REGULATOR
EZ1082
April 13, 1998
1
FEATURES
•= Low dropout performance, 1.3V max.
•= Full current rating over line and temperature
•= Fast transient response
•= ±2% total output regulation over line, load
and temperature
•= Adjust pin current max 90µA over temperature
•= Fixed/adjustable output voltage
•= Line regulation typically 0.015%
•= Load regulation typically 0.05%
•= TO-220 package
DESCRIPTION
The EZ1082 series of high performance positive
voltage regulators are designed for use in applications
requiring low dropout performance at full rated
current. Additionally, the EZ1082 series provides
excellent regulation over variations in line, load and
temperature.
Outstanding features include low dropout
performance at rated current, fast transient response,
internal current limiting and thermal shutdown
protection of the output device. The EZ1082 series
are three terminal regulators with fixed and adjustable
voltage options available in the popular TO-220
package.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Input Supply
Voltage
V
IN
7V
Power Dissipation
P
D
Internally
Limited
W
Thermal Resistance
Junction to Case
θ
JC
1.6
°C/W
Thermal Resistance
Junction to Ambient
θ
JA
50
°C/W
Operating Junction
Temperature Range
T
J
0 to 125
°C
Storage
Temperature Range
T
STG
-65 to 150
°C
Lead Temperature
(Soldering) 10 Sec.
T
LEAD
260
°C
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
APPLICATIONS
•= High current microprocessor supplies
•= Post regulators
PIN CONFIGURATIONS
ORDERING INFORMATION
Note:
(1) Where X.X denotes voltage options. Available volt-
ages are: 2.5V and 3.3V. Leave blank for adjustable ver-
sion (1.3 to 5.7V). Contact factory for additional voltage
options.
DEVICE
PACKAGE
V
OUT VOLTS
EZ1082CT-X.X
TO-220
See Note (1)
BLOCK DIAGRAM


Similar Part No. - EZ1082

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
138Kb / 5P
   10.0A Positive Voltage Regulator
EZ1082CT-X.XT SEMTECH-EZ1082CT-X.XT Datasheet
138Kb / 5P
   10.0A Positive Voltage Regulator
EZ1082 SEMTECH-EZ1082_07 Datasheet
138Kb / 5P
   10.0A Positive Voltage Regulator
More results

Similar Description - EZ1082

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1084 SEMTECH-EZ1084 Datasheet
76Kb / 4P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
   3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
   3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085 SEMTECH-EZ1085 Datasheet
100Kb / 4P
   3.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
IP140A SEME-LAB-IP140A Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1084 ETC-CM1084 Datasheet
191Kb / 7P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1083 SEMTECH-EZ1083 Datasheet
89Kb / 4P
   7.5 AMP POSITIVE VOLTAGE REGULATOR
EZ1086BC SEMTECH-EZ1086BC Datasheet
70Kb / 5P
   1.5 AMP POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com