Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVM749EVM Datasheet(PDF) 10 Page - Semtech Corporation

Part # EVM749EVM
Description  Octal Pin Electronics Driver/Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EVM749EVM Datasheet(HTML) 10 Page - Semtech Corporation

Back Button EVM749EVM Datasheet HTML 6Page - Semtech Corporation EVM749EVM Datasheet HTML 7Page - Semtech Corporation EVM749EVM Datasheet HTML 8Page - Semtech Corporation EVM749EVM Datasheet HTML 9Page - Semtech Corporation EVM749EVM Datasheet HTML 10Page - Semtech Corporation EVM749EVM Datasheet HTML 11Page - Semtech Corporation EVM749EVM Datasheet HTML 12Page - Semtech Corporation EVM749EVM Datasheet HTML 13Page - Semtech Corporation EVM749EVM Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge749
Package Information
PIN Descriptions
;
;
;
0.029
[0.736]
0.029
[0.736]
0.016
[0.406]
0.016
[0.406]
0.030
[0.762]
0.065
[1.651]
0.020
[0.508]
MIN
0.990 SQ
[25.146]
0.953 SQ
[24.206]
0.045 SQ
[1.143]
0.048
[1.219]
0.800 REF
[20.32]
0.910
[23.114]
See Detail A
0.175
[4.445]
0.113
[2.87]
68 Pin PLCC Package
θJA = 42 to 48˚C / W
Notes: (unless otherwise specified)
1.
Dimensions are in inches [millimeters].
2.
Tolerances are: .XXX
± 0.005 [0.127].
3.
PLCC packages are intended for surface mounting on solder lands on 0.050 [1.27] centers.


Similar Part No. - EVM749EVM

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EVM749EVM SEMTECH-EVM749EVM Datasheet
152Kb / 15P
   Octal Pin Electronics Driver/Receiver
More results

Similar Description - EVM749EVM

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E649BPJ SEMTECH-E649BPJ Datasheet
100Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE649 SEMTECH-EDGE649 Datasheet
150Kb / 16P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749 Datasheet
104Kb / 14P
   Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749_02 Datasheet
152Kb / 15P
   Octal Pin Electronics Driver/Receiver
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
   Octal, 18V Pin Electronics Driver
EDGE818 SEMTECH-EDGE818 Datasheet
126Kb / 15P
   Octal 18V Pin Electronics Driver/window Comparator
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
EDGE211 SEMTECH-EDGE211 Datasheet
83Kb / 12P
   Dual Pin Electronics Driver
logo
National Semiconductor ...
DS3890 NSC-DS3890 Datasheet
148Kb / 8P
   Octal Trapezoidal Driver / Octal TRI-STATE Receiver
logo
Semtech Corporation
E7765 SEMTECH-E7765 Datasheet
271Kb / 24P
   1.3 GHz Quad Pin Electronics Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com