Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM72480SD-120 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SM72480SD-120
Description  SolarMagic 1.6V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SM72480SD-120 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  SM72480SD-120 Datasheet HTML 1Page - National Semiconductor (TI) SM72480SD-120 Datasheet HTML 2Page - National Semiconductor (TI) SM72480SD-120 Datasheet HTML 3Page - National Semiconductor (TI) SM72480SD-120 Datasheet HTML 4Page - National Semiconductor (TI) SM72480SD-120 Datasheet HTML 5Page - National Semiconductor (TI) SM72480SD-120 Datasheet HTML 6Page - National Semiconductor (TI) SM72480SD-120 Datasheet HTML 7Page - National Semiconductor (TI) SM72480SD-120 Datasheet HTML 8Page - National Semiconductor (TI) SM72480SD-120 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
//htmlimg2.alldatasheet.com/htmldatasheet2/424117/NSC/SM72480SD-120/258/4/SM72480SD-120.png


Similar Part No. - SM72480SD-120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM72480SD-120/NOPB TI1-SM72480SD-120/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   SM72480 SolarMagic 1.6V, WSON-6 Factory Preset Temperature Switch and Temperature
More results

Similar Description - SM72480SD-120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM72480 TI1-SM72480 Datasheet
1Mb / 26P
[Old version datasheet]   SM72480 SolarMagic 1.6V, WSON-6 Factory Preset Temperature Switch and Temperature
logo
National Semiconductor ...
LM26LV NSC-LM26LV_08 Datasheet
546Kb / 20P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
LM26LV NSC-LM26LV Datasheet
517Kb / 18P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
logo
Texas Instruments
LM26LV TI1-LM26LV_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
[Old version datasheet]   Factory Preset Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com