Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK23-87-D-2 Datasheet(PDF) 7 Page - Meder Electronic

Part # MK23-87-D-2
Description  Open Reed Sensors for SMD Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK23-87-D-2 Datasheet(HTML) 7 Page - Meder Electronic

  MK23-87-D-2 Datasheet HTML 1Page - Meder Electronic MK23-87-D-2 Datasheet HTML 2Page - Meder Electronic MK23-87-D-2 Datasheet HTML 3Page - Meder Electronic MK23-87-D-2 Datasheet HTML 4Page - Meder Electronic MK23-87-D-2 Datasheet HTML 5Page - Meder Electronic MK23-87-D-2 Datasheet HTML 6Page - Meder Electronic MK23-87-D-2 Datasheet HTML 7Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
284
www.meder.com
MEDER electronic
Open Reed Sensors
for SMD Mounting
MK23 Series
0.60
[0.024]
0.30±0.05
[0.012±0.002]
1.60±0.01
[0.063±0.004]
2.05±0.01
[0.081±0.004]
8.00±0.01
[0.315±0.004]
ø1.50±0.01
[0.059±0.004]
1.75±0.1
[0.069±0.004]
2±0.1
[0.079±0.004]
4±0.1
[0.157±0.004]
SOLDERING INFORMATION
reflow soldering conditions according JEDEC norm J-STD-020C
Ramp up:
max. 6K/s
Ramp down:
max. 8/Ks
120 s
40 s
120-180 s
183 oC
260 oC
125 oC
MK23-80-X-2,4
MK23-87-X-2,4
Po
4.4±0.1 (II)
[0.173±0.004]
REF
0.77
[0.03]
T
0.33±0.05
[0.112±0.002]
Do
ø1.65±0.1
[0.0652±0.004]
8.8
[0.346]
1.76
[0.069]
2.26
[0.089]
P2
2.2±0.1 (I)
[0.087±0.004]
E
1.93±0.1
[0.076±0.004]
2.1
[0.083]
Y
A
Y


Similar Part No. - MK23-87-D-2

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-87-D-2 MEDER-MK23-87-D-2 Datasheet
77Kb / 1P
   MK Reed Sensors
MK23-87-D-2_DE MEDER-MK23-87-D-2_DE Datasheet
119Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK23-87-D-2

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK24-B-1 MEDER-MK24-B-1_10 Datasheet
300Kb / 4P
   Micro-Miniature Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com