Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK23-87-B-2 Datasheet(PDF) 5 Page - Meder Electronic

Part # MK23-87-B-2
Description  Open Reed Sensors for SMD Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK23-87-B-2 Datasheet(HTML) 5 Page - Meder Electronic

  MK23-87-B-2 Datasheet HTML 1Page - Meder Electronic MK23-87-B-2 Datasheet HTML 2Page - Meder Electronic MK23-87-B-2 Datasheet HTML 3Page - Meder Electronic MK23-87-B-2 Datasheet HTML 4Page - Meder Electronic MK23-87-B-2 Datasheet HTML 5Page - Meder Electronic MK23-87-B-2 Datasheet HTML 6Page - Meder Electronic MK23-87-B-2 Datasheet HTML 7Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
282
www.meder.com
MEDER electronic
CONTACT DATA
Open Reed Sensors
for SMD Mounting
MK23 Series
All Data at 20° C
Contact form →
Switch Model →
Form A
Unit
35
46
66
80
87
Switching Power max.
Any DC combination of V & A not to
exceed their individual max.‘s
20 *
10 *
10 *
10 *
10 *
W
Switching Voltage max.
DC or peak AC
200
200
200
170
200
V
Switching Current max.
DC or peak AC
1.0
0.5
0.5
0.25
0.5
A
Carry Current max.
DC or peak AC
1.25
1.0
1.25
0.5
0.5
A
Static Contact Resistance max.
/ 0.5 V & 10 mA
150
150
150
200
150
Insulation Resistance min.
RH 45%
10 12
10 12
10 10
10 9
10 9
Ω
Breakdown Voltage min.
Voltage applied for 60 sec. min..
320
225
225
210
230
VDC
Operate Time incl. Bounce max.
Measured w/ 100 % overdrive
0.5
0.7
0.5
0.6
0.6
ms
Release Time max.
Measured w/ no coil suppression
0.1
0.1
0.1
0.1
0.1
ms
Capacitance type
at 10 kHz cross contact
0.2
0.2
0.2
0.2
0.2
pF
Contact Operation **
Pull-In
6 - 35
10 - 40
10 - 30
10 - 70
7 - 37
AT
Drop-Out
5.5 - 28
10 - 50
4 - 27
4 - 62
6 - 42
AT
Environmental Data
Shock Resistance max.
1/2 sinus wave duration 11 ms
30
50
50
50
50
g
Vibration Resistance max.
From 10 - 2000 Hz
20
20
20
20
20
g
Ambient Temperature
10°C/ minute max. allowable
-40 up to + 130
o
C
Stock Temperature
10°C/ minute max. allowable
-55 up to + 130
o
C
Soldering Temperature max.
5 sec.
260
260
260
260
260
o
C
* The indicated electrical data are maximum values and can vary downwards when using a more sensitive switch. Consult factory if
more detail is required.
** These ranges refer to the uncut / unmodified Reed Switches described in our Reed Switch section. Consult factory if more detail is
required.


Similar Part No. - MK23-87-B-2

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-87-B-2 MEDER-MK23-87-B-2 Datasheet
77Kb / 1P
   MK Reed Sensors
MK23-87-B-2_DE MEDER-MK23-87-B-2_DE Datasheet
239Kb / 2P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK23-87-B-2

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK24-B-1 MEDER-MK24-B-1_10 Datasheet
300Kb / 4P
   Micro-Miniature Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com