Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT-60D Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # IT-60D
Description  60W Isolated Triple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IT-60D Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  IT-60D Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IT-60D Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
IT-60D
IT-60F
DCVOLTAGE
OUTPUT
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
PEAKLOAD(3sec.)
Note.4
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
CH1
12V
CH2
24V
CH3
15V
CH2
24V
CH3
5V
CH1
3A
0.8A
1.4A
0.8A
1.3A
3A
0.5~3A
0.1~1A
0.2~2A
0.1~1A
0.2~2A
0.5~3A
58.2W
70W
58.2W
80mVp-p
120mVp-p
240mVp-p
150mVp-p
240mVp-p
80mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
3.0%
3.0%
8.0%
8.0%
8.0%
8.0%
1.0%
1.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
5.0%
5.0%
5.0%
5.0%
300ms,20ms/230VAC
800ms,20ms/115VACatfullload
80ms/230VAC
18ms/115VACatfullload
90~264VAC127~370VDC
47~63Hz
76%
5V:5.75~6.75V
1.8A/115VAC0.9A/230VAC
COLDSTART 20A/115VAC40A/230VAC
<1mA /240VAC
72~90W ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto EN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,lightindustrylevel,criteria A
-10~+60
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
314.3Khrsmin.MIL-HDBK-217F(25
)
159*97*38mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. 5% Duty cycle maximum within every 1min. Average output power should not exceed the rated power.
5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
FileName:IT-60-SPEC2010-10-18
0.51Kg;24pcs/13.2Kg/0.75CUFT
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note5)
PROTECTION
EMICONDUCTION&RADIATION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
60WIsolated TripleOutputSwitchingPowerSupply
Isolated output & GND for CH1,CH2,CH3
Universal AC input/Full range
Protections: Short circuit / Overload / Over voltage
LED indicator for power on
100% full load burn-in test
Fixed switching frequency at 67KHz
2 years warranty
Features :
I T- 6 0 series
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved


Similar Part No. - IT-60D

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IT-60D MEANWELL-IT-60D Datasheet
415Kb / 2P
   60W Isolated Triple Output Switching Power Supply
logo
RSG Electronic Componen...
IT-60D RSG-IT-60D Datasheet
185Kb / 2P
   60W Isolated Triple Output Switching Power Supply
More results

Similar Description - IT-60D

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IT-60 MEANWELL-IT-60 Datasheet
415Kb / 2P
   60W Isolated Triple Output Switching Power Supply
logo
RSG Electronic Componen...
IT-60 RSG-IT-60 Datasheet
185Kb / 2P
   60W Isolated Triple Output Switching Power Supply
T-60 RSG-T-60 Datasheet
163Kb / 2P
   60W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
T-60 MEANWELL-T-60 Datasheet
386Kb / 2P
   60W Triple Output Switching Power Supply
T-60 MEANWELL-T-60_10 Datasheet
394Kb / 2P
   60W Triple Output Switching Power Supply
IQ-60 MEANWELL-IQ-60_10 Datasheet
425Kb / 2P
   60W Isolated Quad Output Switching Power Supply
ID-60B MEANWELL-ID-60B_10 Datasheet
393Kb / 2P
   60W Isolated Dual Output Switching Power Supply
logo
RSG Electronic Componen...
IQ-60 RSG-IQ-60 Datasheet
186Kb / 2P
   60W Isolated Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
IQ-60 MEANWELL-IQ-60 Datasheet
416Kb / 2P
   60W Isolated Quad Output Switching Power Supply
ID-60B MEANWELL-ID-60B Datasheet
386Kb / 2P
   60W Isolated Dual Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com