Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK24-C-3 Datasheet(PDF) 2 Page - Meder Electronic

Part # MK24-C-3
Description  Micro-Miniature Reed Sensors for SMD Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK24-C-3 Datasheet(HTML) 2 Page - Meder Electronic

  MK24-C-3 Datasheet HTML 1Page - Meder Electronic MK24-C-3 Datasheet HTML 2Page - Meder Electronic MK24-C-3 Datasheet HTML 3Page - Meder Electronic MK24-C-3 Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
286
www.meder.com
MEDER electronic
MK24 Series
TAPE & REEL
Micro-Miniature Reed Sensors
for SMD Mounting
SOLDERING INFORMATION
reflow soldering conditions according JEDEC norm J-STD-020C
Ramp up:
max. 6K/s
Ramp down:
max. 8/Ks
120 s
40 s
120-180 s
183 oC
260 oC
125 oC
DIMENSIONS
All dimensions in mm [inch]
RECOMANDED PAD LAYOUT
max.5
[0.197]
max.7.7
[0.303]
max.1.7 [0.067]
8.2
[0.323]
1.1
[0.043]
1.3
[0.051]
0.75±0.05
[0.03±0.002]
max.2.2
[0.087]
RECOMANDED PAD LAYOUT
5.4±0,1
[0.213±0.004]
max.1.8 [0.071]
max.6.9 [0.272]
max.5 [ 0.197]
7.50
[0.295]
max.2.2
[0.087]
0.75±0.05
[0.03±0.002]
1.3
[0.051]
1.1
[0.043]
RECOMANDED PAD LAYOUT
3.64
[0.143]
max.5 [0.197]
max.1.8
[0.071]
max.5.5 [0.217]
1.5
[0.059]
1.4
[0.055]
5.7
[0.224]
0.75±0.05
[0.03±0.002]
max.2.2
[0.087]
MK24-x-1
MK24-x-2
MK24-x-3
MK24-x-2-OE
[0.051]
1,3
[0.295]
7,5
N
[0.197 max.]
5,0 max.
[0.287 ± 0.008]
7,3 ± 0,2
[0.031 max.]
0,8 max.
[0.087 max.]
2,2 max.
Pad Layout
[0.059]
1,5
[0.224]
5,7
N
[0.217 max.]
5,5 max.
[0.197 max.]
5,0 max.
[0.134 ± 0.012]
3,4 ± 0,3
[0.087 max.]
2,2 max.
[0.031 max.]
0,8 max.
Pad Layout
MK24-x-3-OE
ø1
.5
ø1.
5
4
4
2
2.1


Similar Part No. - MK24-C-3

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK24-C-3 MEDER-MK24-C-3 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK24-C-3 MEDER-MK24-C-3 Datasheet
77Kb / 1P
   MK Reed Sensor
MK24-C-3 MEDER-MK24-C-3_11 Datasheet
77Kb / 1P
   MK Reed Sensor
MK24-C-3_DE MEDER-MK24-C-3_DE Datasheet
94Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK24-C-3

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
MK23-35-B-2 MEDER-MK23-35-B-2_10 Datasheet
771Kb / 7P
   Open Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com