Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMS-B-1 Datasheet(PDF) 1 Page - Meder Electronic

Part # MMS-B-1
Description  Micro Machined Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MMS-B-1 Datasheet(HTML) 1 Page - Meder Electronic

  MMS-B-1 Datasheet HTML 1Page - Meder Electronic MMS-B-1 Datasheet HTML 2Page - Meder Electronic MMS-B-1 Datasheet HTML 3Page - Meder Electronic MMS-B-1 Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
297
www.meder.com
MEDER electronic
MMS Series
DESCRIPTION
The MMS is a ultra-small magnetically actuated
reed sensor (SPST) that requires no power. It
is manufactured by using semiconductor wafer
technology. Its biggest advantages are the small
dimensions with 4.8 mm x 2.05 mm (0.189’’x
0.081’’).
APPLICATIONS
Medical pacemakers and insulin pumps
Telecommunications
CMOS gates and other low power signals
switching
FEATURES
SMT reed sensors (SPST) in miniature size
requires no power
ultra-small dimensions
designed for switching low power devices
(max. 3 VDC)
109 Ohm insulation resistance across the
contacts
magnetic sensitivity ranges from 1.8 to 4.0
milliTesla
preferably packaged in tape & reel according to
IEC 286/part 3, waffle package possible
electrostatic sensitive device!!
DIMENSIONS
All dimensions in mm [inches] unspecified tolerances +/- 0.1 mm
Micro Machined
Sensors
Lead design 1
Lead design 2


Similar Part No. - MMS-B-1

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
MMS-105-02-T-SV SAMTEC-MMS-105-02-T-SV Datasheet
498Kb / 1P
   TIGER CLAW??SOCKET STRIP
logo
SAB North America
MMS-12 SAB-MMS-12 Datasheet
169Kb / 1P
   Metal Cable Glands
MMS-12L SAB-MMS-12L Datasheet
169Kb / 1P
   Metal Cable Glands
MMS-12R SAB-MMS-12R Datasheet
169Kb / 1P
   Metal Cable Glands
MMS-12RL SAB-MMS-12RL Datasheet
169Kb / 1P
   Metal Cable Glands
More results

Similar Description - MMS-B-1

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
105-0854-001 EMERSON-NETWORKPOWER-105-0854-001 Datasheet
363Kb / 1P
   Insulated: Machined Contact
logo
Adam Technologies, Inc.
SMC-1R-XX-1-GT-HT ADAM-TECH-SMC-1R-XX-1-GT-HT Datasheet
98Kb / 1P
   MACHINED FEMALE HEADER
2SMC-2R-XX-1-GT ADAM-TECH-2SMC-2R-XX-1-GT Datasheet
105Kb / 1P
   MACHINED FEMALE HEADER
logo
Banner Engineering Corp...
VSM BANNER-VSM Datasheet
656Kb / 7P
   VSM Series Micro Sensors
logo
Tyco Electronics
KLNS500A1 MACOM-KLNS500A1 Datasheet
242Kb / 4P
   Knobs, Machined Aluminum
logo
Adam Technologies, Inc.
2SMC-2-XX-1-GT ADAM-TECH-2SMC-2-XX-1-GT Datasheet
91Kb / 1P
   MACHINED FEMALE HEADER
logo
Samtec, Inc
BDL-108-G-E SAMTEC-BDL-108-G-E Datasheet
417Kb / 1P
   MACHINED BOARD STACKING STRIPS
SS-103-S-2 SAMTEC-SS-103-S-2 Datasheet
1Mb / 1P
   PRECISION MACHINED SOCKET STRIPS
SD-136-T-2 SAMTEC-SD-136-T-2 Datasheet
453Kb / 1P
   PRECISION MACHINED SOCKET STRIPS
BBS-120-T-C SAMTEC-BBS-120-T-C Datasheet
417Kb / 1P
   MACHINED BOARD STACKING STRIPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com