Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK06-7-C Datasheet(PDF) 3 Page - Meder Electronic

Part # MK06-7-C
Description  Reed Sensors for PCB Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK06-7-C Datasheet(HTML) 3 Page - Meder Electronic

  MK06-7-C Datasheet HTML 1Page - Meder Electronic MK06-7-C Datasheet HTML 2Page - Meder Electronic MK06-7-C Datasheet HTML 3Page - Meder Electronic MK06-7-C Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
228
MEDER electronic
www.meder.com
Reed Sensors for
PCB Mounting
MK06 Series
CONTACT DATA
All Data at 20° C
Switch Model →
Contact Form →
Packing Style →
Switch 66
Form A, B, C
6, 7, 8, 10
Switch 80
Form A
4
Contact Ratings
Conditions
Min.
Typ. Max. Min.
Typ. Max. Units
Switching Power
Any DC combination of V & A not
to exceed their individual max.‘s
10
10
W
Switching Voltage
DC or peak AC
200
170
V
Switching Current
DC or peak AC
0.5
0.5
A
Carry Current
DC or peak AC
1.25
0.5
A
Static Contact Resistance
w/ 0.5 V & 10mA
150
200
Dynamic Contact Resistance Measured w/ 0.5 V & 50mA ,
1.5 ms after closure
200
250
Insulation Resistance across
Contacts
100 volts applied
1010 *
109
Ω
Breakdown Voltage across
Contact
Voltage applied for 60 sec. min.
225 *
210
VDC
Operate Time incl. Bounce
Measured w/ 100 % overdrive
0.5
0.6
ms
Release Time
Measured w/ no coil suppression
0.1
0.1
ms
Capacitance
at 10 kHz cross contact
0.2
0.2
pF
Contact Operation **
Must Operate Condition
Steady state field
10
30
10
30
AT
Must Release Condition
Steady state field
4
27
4
27
AT
Environmental Data
Shock Resistance
1/2 sinus wave duration 11 ms
50
50
g
Vibration Resistance
From 10 - 2000 Hz
20
20
g
Ambient Temperature
10°C/ minute max. allowable
-20
85
-20
85
o
C
Stock Temperature
10°C/ minute max. allowable
-35
85
-35
85
o
C
Soldering Temperature
5 sec.
260
260
o
C
Please note: The indicated electrical data are maximum values and can vary downwards when using a more sensitive switch.
* Insulation resistance of 1012 and breakdown voltage of 480 VDC is available.
** These ranges refer to the uncut / unmodified Reed Switches described in our Reed Switch section. Consult factory if more
detail is required.


Similar Part No. - MK06-7-C

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK06-7-C MEDER-MK06-7-C Datasheet
65Kb / 1P
   MK Reed Sensors
MK06-7-C_DE MEDER-MK06-7-C_DE Datasheet
67Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK06-7-C

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK6-4-B MEDER-MK6-4-B Datasheet
466Kb / 5P
   Reed Sensors for PCB Mounting
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com