Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK06-7-C Datasheet(PDF) 1 Page - Meder Electronic

Part # MK06-7-C
Description  Reed Sensors for PCB Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK06-7-C Datasheet(HTML) 1 Page - Meder Electronic

  MK06-7-C Datasheet HTML 1Page - Meder Electronic MK06-7-C Datasheet HTML 2Page - Meder Electronic MK06-7-C Datasheet HTML 3Page - Meder Electronic MK06-7-C Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
226
MEDER electronic
www.meder.com
Reed Sensors for
PCB Mounting
MK06 Series
MK06 sensors are magnetically operated Reed
proximity switches for direct PCB mounting. The
sensor should be mounted on a fixed surface
with the actuating magnet on the moving surface.
Introduction or removal of the magnetic field
determines the closing and opening of the Reed
Switch. (2.54 mm PCB pin spacing, available with
different distances)
APPLICATIONS
Telecommunications
Telephone hook switch, keyboard applications
Domestic appliances
Door switch for washing machines, dishwashers,
microwave ovens, baking ovens, refrigerators
Limit switch for low-power signals
Garage door controls, lever hoists, conveyors
Lifts / elevators
Position indicators
Part Number Example
MK06 - 4 - C
4 is the packaging size
C is the magnetic sensitivity
ORDER INFORMATION
MAGNETIC SENSITIVITY
DESCRIPTION
FEATURES
Form A, B, C and E (Latching) available
High power switches available
Various case sizes available
Five operate sensitivities available
Part Number Example
MK06 - 10 - E
E selects the latching option
Sensitivity
Class
Pull In
AT Range
B
10 - 15
C, H
15 - 20
D, I
20 - 25
E, K
25 - 30
Series
Packaging Size
Magnetic
Sensitivity
MK06 - 10
X -
X
Options
4
B, C, D, E
5
B, C
6
B, C, D, E
7
B, C, D, E
8 (Form A)
B, C, D, E
8 (Form B)
H, I, K
Series
Contact
Form
MK06 - 10
X *
Options
B
E
* See footnote on following page.


Similar Part No. - MK06-7-C

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK06-7-C MEDER-MK06-7-C Datasheet
65Kb / 1P
   MK Reed Sensors
MK06-7-C_DE MEDER-MK06-7-C_DE Datasheet
67Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK06-7-C

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK6-4-B MEDER-MK6-4-B Datasheet
466Kb / 5P
   Reed Sensors for PCB Mounting
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com