Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK15-C-1 Datasheet(PDF) 2 Page - Meder Electronic

Part # MK15-C-1
Description  Reed Sensors for SMD Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK15-C-1 Datasheet(HTML) 2 Page - Meder Electronic

  MK15-C-1 Datasheet HTML 1Page - Meder Electronic MK15-C-1 Datasheet HTML 2Page - Meder Electronic MK15-C-1 Datasheet HTML 3Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
255
www.meder.com
MEDER electronic
MK15 Series
TAPE & REEL
SOLDERING INFORMATION
Reed Sensors for
SMD Mounting
reflow soldering conditions according JEDEC norm J-STD-020C
Ramp up:
max. 6K/s
Ramp down:
max. 8/Ks
120 s
40 s
120-180 s
183 oC
260 oC
125 oC


Similar Part No. - MK15-C-1

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK15-C-1 MEDER-MK15-C-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK15-C-1_DE MEDER-MK15-C-1_DE Datasheet
73Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK15-C-1

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
MK23-35-B-2 MEDER-MK23-35-B-2_10 Datasheet
771Kb / 7P
   Open Reed Sensors for SMD Mounting
MK24-B-1 MEDER-MK24-B-1_10 Datasheet
300Kb / 4P
   Micro-Miniature Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com