Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLP-80H-42 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HLP-80H-42
Description  80W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLP-80H-42 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HLP-80H-42 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLP-80H-42 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLP-80H-42 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLP-80H-42 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.6
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(
.)
Typ
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.4
OVERVOLTAGE
OVERTEMPERATURE
2000ms,200ms/115VAC
000ms,200ms/230VACatfullload
atfullload1
16ms atfullload230VAC/115VAC
90~305VAC127~431VDC
47~63Hz
COLDSTART 70A/230VAC
<0.75mA /277VAC
95~108%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Complianceto EN55015,EN61000-3-2ClassC(
60%load,12Vmodel
65%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61547,EN55024,lightindustrylevel(surge4KV),criteria A
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
316.2Khrsmin.MIL-HDBK-217F(25
)
167*53*29.5mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Constant current operation region is within 60% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
5. Derating may be needed under low input voltages. Please check the static characteristics for more details.
6. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
8. Heat Sink HS1,HS2 can not be shorted.
0.27Kg;36pcs/11.2Kg/0.67CUFT
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
80WSingleOutputSwitchingPowerSupply
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function, PF>0.96
Protections: Short circuit / Over current / Over voltage / Over temperature
Cooling by free air convection
Output constant current level adjustable
Three in one dimming function (1~10Vdc or PWM signal or resistance)
Suitable for built in LED lighting system
3 years warranty
Suitable for dry / damp location
100% full load burn-in test
Features :
H L P - 8 0 H series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
95
10
(RTH2)
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
14~17V
18~21V
23~27V
28~34V
34~38V
41~46V
54~60V
47~53V
59~65V
87.5%
88.5%
89.5%
90%
90%
90%
90%
90%
90%
2.5%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
1.5%
1.0%
0.5%
0.5%
0.5%
0.5%
1.0%
0.5%
0.5%
1.0%
0.5%
0.5%
12V
HLP-80H-12 HLP-80H-15 HLP-80H-20 HLP-80H-24 HLP-80H-30 HLP-80H-36 HLP-80H-42 HLP-80H-48 HLP-80H-54
15V
20V
24V
30V
36V
48V
5A
5A
4A
3.4A
2.7A
2.3A
1.7A
60W
75W
80W
81.6W
81W
82.8W
81.6W
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
200mVp-p
200mVp-p
54V
1.5A
81W
200mVp-p
42V
1.95A
81.9W
200mVp-p
PF>0.96/115VAC,PF>0.96/230VAC,PF>0.94/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
0.85A /115VAC0.425A /230VAC0.4A /277VAC
UL8750,EN61347-1,EN61347-2-13approved;DesignrefertoUL60950-1, TUVEN60950-1
7.2~12V
9~15V
12~20V
14.4~24V
18~30V
21.6~36V
28.8~48V
32.4~54V
25.2~42V
CONSTANTCURRENTREGION Note.4
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
-40~+70
(Referto"DeratingCurve")
EMCIMMUNITY
EMCEMISSION
FileName:HLP-80H-SPEC2011-07-28
SELV
M
M


Similar Part No. - HLP-80H-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLP-80H-42 MEANWELL-HLP-80H-42 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
More results

Similar Description - HLP-80H-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
   80W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H Datasheet
266Kb / 5P
   80W Single Output Switching Power Supply
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H Datasheet
391Kb / 6P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com